Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSHVJ3330C102JN Datasheet(PDF) 7 Page - Dubilier

Part # DSHVJ3330C102JN
Description  SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSHVJ3330C102JN Datasheet(HTML) 7 Page - Dubilier

  DSHVJ3330C102JN Datasheet HTML 1Page - Dubilier DSHVJ3330C102JN Datasheet HTML 2Page - Dubilier DSHVJ3330C102JN Datasheet HTML 3Page - Dubilier DSHVJ3330C102JN Datasheet HTML 4Page - Dubilier DSHVJ3330C102JN Datasheet HTML 5Page - Dubilier DSHVJ3330C102JN Datasheet HTML 6Page - Dubilier DSHVJ3330C102JN Datasheet HTML 7Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

CONTENTS
LEADED (THROUGH HOLE)
CEA
85°C Axial
29-30
CEAJ
105°C Axial
31-32
CEBM
85°C Radial
33-35
CEBR
85°C Reduced Radial
36-37
CEK
85°C Minature Radial
38-39
CEKR
85°C Sub Minature Radial
40-41
CEKJ
105°C Minature Radial
42-43
CEBNP
85°C Non Polar Radial
44-45
CLLA
105°C Low Leakage Radial
46-47
DJ3
105°C Radial
48-50
DJ4X
105°C Low Impedance Radial
51-53
DSH
105°C Very Low Impedance Radial
54-57
DSHR
105°C Ultra Low Impedance Reduced Radial
58-59
DSHX
105°C Low Impedance, Low ESR
60-62
Taping Spec
63-64
CLP
85°C Snap-in
65-68
DPG
105°C Snap-in
69-72
SURFACE MOUNT
DVCR
85°C Electrolytic Chip
73-75
DVJR
105°C Electrolytic Chip
76-77
DVCNP
Non Polarised Elecrolytic Chip
78
DVJL
105°C Low Impedance Electrolytic Chip
79-80
DVJRHV
105°C High Voltage Electrolytic Chip
81
CAPACITORS - ELECTROYTICS


Similar Part No. - DSHVJ3330C102JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
More results

Similar Description - DSHVJ3330C102JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com