Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9950 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9950
Description  CEC/I2C-bus translator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9950 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9950 Datasheet HTML 4Page - NXP Semiconductors TDA9950 Datasheet HTML 5Page - NXP Semiconductors TDA9950 Datasheet HTML 6Page - NXP Semiconductors TDA9950 Datasheet HTML 7Page - NXP Semiconductors TDA9950 Datasheet HTML 8Page - NXP Semiconductors TDA9950 Datasheet HTML 9Page - NXP Semiconductors TDA9950 Datasheet HTML 10Page - NXP Semiconductors TDA9950 Datasheet HTML 11Page - NXP Semiconductors TDA9950 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TDA9950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 22 October 2009
8 of 22
NXP Semiconductors
TDA9950
CEC/I2C-bus translator
8.5 Data register protocol
Communication between the TDA9950 and the host using the CEC Data Registers is
carried out using frames of information. The host is the master of all data transfers; the
TDA9950 uses the INT line to inform the host that it has data available.
Before a frame is read or written, the host must set the REG_PTR field in the Address
Pointer Register to the base CEC Data Register address. Successive reads or writes
automatically increment the REG_PTR as the frame is transferred. Message transfers can
only start from the first CEC Data Register at address 07h and not from higher addresses,
as messages must be transferred complete and not in fragments.
Each frame consists of a byte count, a service selector and then zero or more (up to 17)
parameters as shown in Figure 3.
The FrameByteCount indicates the number of bytes in the frame (including the
FrameByteCount itself). The service is specified by the ServiceSelector (see Table 15).
The remaining bytes of the frame, if any, contain the parameters associated with a
particular service. The maximum length of a frame is 19 bytes. The TDA9950 will only
accept a single outstanding request. Reading message bytes beyond FrameByteCount
will return FFh.
Table 15 shows the organization of the ServiceSelector values. If an unused
ServiceSelector is sent to the TDA9950 it will respond with the confirmation Bad .req
service (see Table 17). For every service, the parameters that are defined in the following
sections are mandatory. No service contains optional parameters.
4
ENABLE_ERROR
ENABLE_ERROR:
0 = no specific action.
1 = notify the host of all errors via the TDA9950 Error Register
and via the CECData.err service (see Section 8.5.4).
3
-
not used
2 to 0
RETRY[2:0]
RETRY[2:0]: retry count to be used by the TDA9950. The
maximum value is 5; values greater than 5 will still give 5
retries.
Table 14.
CDR[0:18] - CEC Data Registers (addresses 07h to 19h) bit description
(Read/Write)
Bit
Symbol
Description
7 to 0
FrameByteCount/
ServiceSelector/
Parameters[7:0]
FrameByteCount/ServiceSelector/Parameters:
Length of message in B, Type of message, 17 B for message
content; see Section 8.5 “Data register protocol”.
Table 13.
CCONR - CEC Configuration Register (address 06h) bit description (Read/Write)
Bit
Symbol
Description
Fig 3.
Frame format for the data register protocol
001aag924
FrameByteCount
ServiceSelector
[Parameters]
Register CDR0
Register CDR1
Register CDR2
[...]
[...]


Similar Part No. - TDA9950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Similar Description - TDA9950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com