Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT31GR7AMP4C Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT31GR7AMP4C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT31GR7AMP4C Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT31GR7AMP4C Datasheet HTML 7Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 8Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 9Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 10Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 11Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 12Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 13Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 14Page - Hynix Semiconductor HMT31GR7AMP4C Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Rev. 0.4 / Jul. 2009
11
3. Functional Block Diagram
3.1 1GB, 128Mx72 Module(1Rank of x8)
CB[7:0]
DQS8
DQS8
DM8/DQS17
DQS17
Vtt
DQ[31:24]
DQS3
DQS3
DM3/DQS12
DQS12
DQ[23:16]
DQS2
DQS2
DM2/DQS11
DQS11
DQ[15:8]
DQS1
DQS1
DM1/DQS10
DQS10
DQ[7:0]
DQS0
DQS0
DM0/DQS9
DQS9
DQS
DQS
TDQS
TDQS
D8
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D3
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D2
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D1
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D0
DQ [7:0]
ZQ
DQ[39:32]
DQS4
DQS4
DM4/DQS13
DQS13
Vtt
DQ[47:40]
DQS5
DQS5
DM5/DQS14
DQS14
DQ[55:48]
DQS6
DQS6
DM6/DQS15
DQS15
DQ[63:56]
DQS7
DQS7
DM7/DQS16
DQS16
DQS
DQS
TDQS
TDQS
D4
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D5
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D6
DQ [7:0]
ZQ
DQS
DQS
TDQS
TDQS
D7
DQ [7:0]
ZQ
S0
S1
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
ODT0
CK0
CK0
PAR_IN
RS0A → CS0: SDRAMs D[3:0], D8
RS0B → CS0: SDRAMs D[7:4]
RBA[N:0]A → BA[N:0]: SDRAMs D[3:0], D8
RRASA → RAS: SDRAMs D[7:4]
RBA[N:0]A → BA[N:0]: SDRAMs D[7:4]
RA[N:0]A → A[N:0]: SDRAMs D[7:4]
RA[N:0]A → A[N:0]: SDRAMs D[3:0], D8
RRASA → RAS: SDRAMs D[3:0], D8
RCASA → CAS: SDRAMs D[7:4]
RCASA → CAS: SDRAMs D[3:0], D8
RWEA → WE: SDRAMs D[7:4]
RWEA → WE: SDRAMs D[3:0], D8
RCKE0B → CKE0: SDRAMs D[7:4]
RCKE0A → CKE0: SDRAMs D[3:0], D8
RODT0B → ODT0: SDRAMs D[7:4]
RODT0A → ODT0: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
Err_Out
OERR
RESET
RST
RST: SDRAMs D[8:0]
S[3:2], CKE1, ODT1, are NC (Unused register inputs ODT1 and CKE1 have a 330Ω resistor to ground
1:
2
R
E
G
I
S
T
E
R
/
P
D0–D8
VDD
VTT
VDDSPD
D0–D8
VREFDQ
SPD
VREFCA
VSS
D0–D8
D0–D8
Note:
1.DQ-to-I/O wiring may be changed within byte.
2.ZQ resistors are 240Ω± 1%.For all other resistor values refer to the
appropriate wiring diagram.
VDDSPD
EVENT
SCL
SDA
SA0
SPD with
Integrated
TS
SA1
SA2
VSS
VDDSPD
EVENT
SCL
SDA
SA0
SA1
SA2
VSS
Plan to use SPD with Integrated TS of Class B and
might be changed on customer’s requests. For more
details of SPD and Thermal sensor, please contact
local Hynix sales representative
120Ω
± 1%
CK0
CK0
120Ω
± 1%
L
L


Similar Part No. - HMT31GR7AMP4C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT31GR7AFR4A-G7 HYNIX-HMT31GR7AFR4A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT31GR7AFR4A-H9 HYNIX-HMT31GR7AFR4A-H9 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT31GR7AFR4C-G7 HYNIX-HMT31GR7AFR4C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT31GR7AFR4C-H9 HYNIX-HMT31GR7AFR4C-H9 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT31GR7AFR8A-G7 HYNIX-HMT31GR7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT31GR7AMP4C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
logo
Elpida Memory
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com