Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP125P7EFR4C-S5 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMP125P7EFR4C-S5
Description  240pin Registered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP125P7EFR4C-S5 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMP125P7EFR4C-S5 Datasheet HTML 1Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 2Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 3Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 4Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 5Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 6Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 7Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 8Page - Hynix Semiconductor HMP125P7EFR4C-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Rev. 0.3 / Oct. 2008
4
1
240pin Registered DDR2 SDRAM DIMMs
PIN DESCRIPTION
PIN LOCATION
Pin
Pin Description
Pin
Pin Description
CK0
Clock Input, positive line
ODT[1:0]
On Die Termination Inputs
CK0
Clock input, negative line
VDDQ
DQs Power Supply
CKE0~CKE1
Clock Enable Input
DQ0~DQ63
Data Input/Output
RAS
Row Address Strobe
CB0~CB7
Data check bits Input/Output
CAS
Column Address Strobe
DQS(0~8)
Data strobes
WE
Write Enable
DQS(0~8)
Data strobes, negative line
S0,S1
Chip Select Input
DM(0~8),DQS(9~17)
Data Maskes/Data strobes
A0~A9,A11~A13
Address input
DQS(9~17)
Data strobes, negative line
A10/AP
Address input/Autoprecharge
RFU
Reserved for Future Use
BA0, BA1, BA2
SDRAM Bank Address
NC
No Connect
SCL
Serial Presence Detect (SPD) Clock Input
TEST
Memory bus test tool (Not Connected and Not
Usable on DIMMs)
SDA
SPD Data Input/Output
VDD
Core Power
SA0~SA2
E2PROM Address Inputs
VDDQ
I/O Power Supply
Par_In
Parity bit for the Address and Control bus
VSS
Ground
Err_Out
Parity error found on the Address
VREF
Reference Power Supply
RESET
Reset Enable
VDDSPD
Power Supply for SPD
CB0~CB7
Data Strobe Inputs/Outputs
pin #1
Front Side
Pin #64
Pin #65
Pin #120
Pin #121
Back Side Pin #184 Pin #185
pin #240


Similar Part No. - HMP125P7EFR4C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP125P7EFR4C-S5 HYNIX-HMP125P7EFR4C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP125P7EFR4C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com