Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBPP0.1160J7.5 Datasheet(PDF) 4 Page - Dubilier

Part # LBPP0.1160J7.5
Description  CAPACITORS BOX POLYPROPYLENE LBPP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBPP0.1160J7.5 Datasheet(HTML) 4 Page - Dubilier

  LBPP0.1160J7.5 Datasheet HTML 1Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 2Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 3Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 4Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 5Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

CAPACITORS
BOX POLYPROPYLENE LBPP
AC VOLTAGE Vrms VERSUS FREQUENCY F
AC VOLTAGE Vrms VERSUS FREQUENCY F
AC VOLTAGE Vrms VERSUS FREQUENCY F
AC VOLTAGE Vrms VERSUS FREQUENCY F
AC VOLTAGE Vrms VERSUS FREQUENCY F
AC VOLTAGE Vrms VERSUS FREQUENCY F
102
5
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
160Vdc / 90Vac
22nF
1.0�F
0.1�F
102
5
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
160Vdc / 90Vac
22nF
1.0�F
0.1�F
102
5
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
250Vdc / 140Vac
22nF
0.68�F
68nF
102
5
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
630Vdc / 400Vac
1.5nF
0.15�F
15nF
102
5
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
1000Vdc / 500Vac
1.5nF
47nF
4.7nF
103
5
104
5
105
Hz
106
ƒ
10
50
100
500
1000
Vac
rms
V
1000Vdc / 500Vac
0.15nF
4.7�F
0.68�F
7.5mm-15mm PITCH-00Vdc / 00Vac
7.5mm-15mm PITCH-10Vdc / 0Vac
7.5mm-15mm PITCH-50Vdc / 10Vac
7.5mm-15mm PITCH-0Vdc / 00Vac
.5mm-7.5mm PITCH-50Vdc / 10Vac
7.5mm-15mm PITCH-1000Vdc / 500Vac


Similar Part No. - LBPP0.1160J7.5

ManufacturerPart #DatasheetDescription
logo
Dubilier
LBPP DUBILIER-LBPP Datasheet
303Kb / 6P
   BOX POLYPROPYLENE
More results

Similar Description - LBPP0.1160J7.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
LBPP DUBILIER-LBPP Datasheet
303Kb / 6P
   BOX POLYPROPYLENE
logo
Suntan Capacitors
TS07B SUNTAN-TS07B_17 Datasheet
140Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
TS07B SUNTAN-TS07B Datasheet
48Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
logo
jb Capacitors Company
JFM JBCAPACITORS-JFM_15 Datasheet
271Kb / 2P
   Box Type Met Polypropylene Film Capacitor
JFM JBCAPACITORS-JFM_17 Datasheet
284Kb / 2P
   Box Type Met Polypropylene Film Capacitor
JFYE JBCAPACITORS-JFYE_16 Datasheet
556Kb / 2P
   Box Type Met Polypropylene Film Capacitor
logo
RFE international
MBPN RFE-MBPN Datasheet
623Kb / 3P
   METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
2021.11.24
logo
jb Capacitors Company
JFYE JBCAPACITORS-JFYE Datasheet
526Kb / 2P
   Box Type Met Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com