Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBPP0.1160J7.5 Datasheet(PDF) 1 Page - Dubilier

Part # LBPP0.1160J7.5
Description  CAPACITORS BOX POLYPROPYLENE LBPP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBPP0.1160J7.5 Datasheet(HTML) 1 Page - Dubilier

  LBPP0.1160J7.5 Datasheet HTML 1Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 2Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 3Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 4Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 5Page - Dubilier LBPP0.1160J7.5 Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
5
CAPACITORS
BOX POLYPROPYLENE LBPP
ORDERING INFORMATION
SPECIFICATION
OUTLINE DRAWING
DIMENSIONS
Metallised Polypropylene
7.5mm - 37.5mm pitch
Plastic case UL94V-0
Epoxy resin sealed
High pulse strength
Small dimensions
High contact reliability
Temperature Range
-55 to 100˚C
Voltage Range
160Vdc (90Vac) to 2000Vdc (700Vac) @ f≤1kHz
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
Test Voltage
1.6 x Vd.c. for 2 seconds
Dissipation factor tan∂ (in 10-)
C≤0.1µF
0.1µF<C≤1µF
C>1µF
at 0˚C
at 1kHz
-
(0.5) 0.5
0.5
(Staked film technology)
10kHz
-
(1.5) 0.8
1.5
Wound technology
100kHz
(4.0) 5.0
-
-
Insulation resistance at 0˚C, C>0.33µF
rel. humidity ≤5%
30000s
Pitch P±0.
Diameter d
7.5
0.5
10
0.5*/0.6
15
0.8
22.5
0.8
27.5
0.8
37.5
1.0
* 0.5mm for capacitor width b=4mm
LBPP
0.1
10
K
7.5
Range
Capacitance
µF
Voltage
Tolerance
J = 5%
K = 10%
M = 20%
Pitch
7.5
10
15
22.5
27.5
37.5


Similar Part No. - LBPP0.1160J7.5

ManufacturerPart #DatasheetDescription
logo
Dubilier
LBPP DUBILIER-LBPP Datasheet
303Kb / 6P
   BOX POLYPROPYLENE
More results

Similar Description - LBPP0.1160J7.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
LBPP DUBILIER-LBPP Datasheet
303Kb / 6P
   BOX POLYPROPYLENE
logo
Suntan Capacitors
TS07B SUNTAN-TS07B_17 Datasheet
140Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
TS07B SUNTAN-TS07B Datasheet
48Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
logo
jb Capacitors Company
JFM JBCAPACITORS-JFM_15 Datasheet
271Kb / 2P
   Box Type Met Polypropylene Film Capacitor
JFM JBCAPACITORS-JFM_17 Datasheet
284Kb / 2P
   Box Type Met Polypropylene Film Capacitor
JFYE JBCAPACITORS-JFYE_16 Datasheet
556Kb / 2P
   Box Type Met Polypropylene Film Capacitor
logo
RFE international
MBPN RFE-MBPN Datasheet
623Kb / 3P
   METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
2021.11.24
logo
jb Capacitors Company
JFYE JBCAPACITORS-JFYE Datasheet
526Kb / 2P
   Box Type Met Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com