Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112S6AFP6C-S6 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMT112S6AFP6C-S6
Description  204pin DDR3 SDRAM SODIMMs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112S6AFP6C-S6 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMT112S6AFP6C-S6 Datasheet HTML 4Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 5Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 6Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 7Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 8Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 9Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 10Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 11Page - Hynix Semiconductor HMT112S6AFP6C-S6 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Rev. 0.2 / Dec. 2008
8
HMT164S6AFP(R)6C
HMT112S6AFP(R)6C
HMT125S6AFP(R)8C
2.2 Input/Output Functional Description
Symbol
Type
Polarity
Function
CK0/CK0
CK1/CK1
Input
Cross point
The system clock inputs. All address and command lines are sampled on the cross
point of the rising edge of CK and falling edge of CK. A Delay Locked Loop (DLL) cir-
cuit is driven from the clock inputs and output timing for read operations is synchro-
nized to the input clock.
CKE[1:0]
Input
Active High
Activates the DDR3 SDRAM CK signal when high and deactivates the CK signal when
low. By deactivating the clocks, CKE low initiates the Power Down mode or the Self
Refresh mode.
S[1:0]
Input
Active Low
Enables the associated DDR3 SDRAM command decoder when low and disables the
command decoder when high. When the command decoder is disabled, new com-
mands are ignored but previous operations continue. Rank 0 is selected by S0; Rank
1 is selected by S1.
RAS, CAS, WE
Input
Active Low When sampled at the cross point of the rising edge of CK and falling edge of CK, sig-
nals CAS, RAS, and WE define the operation to be executed by the SDRAM.
BA[2:0]
Input
-
Selects which DDR3 SDRAM internal bank of eight is activated.
ODT[1:0]
Input
Active High Asserts on-die termination for DQ, DM, DQS, and DQS signals if enabled via the
DDR3 SDRAM mode register.
A[9:0], A10/AP,
A11, A12/BC,
A[15:13]
Input
-
During a Bank Activate command cycle, defines the row address when sampled at
the cross point of the rising edge of CK and falling edge of CK. During a Read or
Write command cycle, defines the column address when sampled at the cross point
of the rising edge of CK and falling edge of CK. In addition to the column address,
AP is used to invoke autoprecharge operation at the end of the burst read or write
cycle. If AP is high, autoprecharge is selected and BA0-BAn defines the bank to be
precharged. If AP is low, autoprecharge is disabled. During a Precharge command
cycle, AP is used in conjunction with BA0-BAn to control which bank(s) to
precharge. If AP is high, all banks will be precharged regardless of the state of BA0-
BAn inputs. If AP is low, then BA0-BAn are used to define which bank to precharge.
A12(BC) is sampled during READ and WRITE commands to determine if burst chop
(on-thefly) will be performed (HIGH, no burst chop; LOW, burst chopped)
DQ[63:0]
In/Out
-
Data Input/Output pins.
DM[7:0]
Input
Active High
The data write masks, associated with one data byte. In Write mode, DM operates
as a byte mask by allowing input data to be written if it is low but blocks the write
operation if it is high. In Read mode, DM lines have no effect.
DQS[7:0],
DQS[7:0]
In/Out
Cross Point
The data strobes, associated with one data byte, sourced with data transfers. In
Write mode, the data strobe is sourced by the controller and is centered in the data
window. In Read mode, the data strobe is sourced by the DDR3 SDRAMs and is sent
at the leading edge of the data window. DQS signals are complements, and timing is
relative to the crosspoint of respective DQS and DQS.


Similar Part No. - HMT112S6AFP6C-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112S6BFR6C-G7 HYNIX-HMT112S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT112S6BFR6C-H9 HYNIX-HMT112S6BFR6C-H9 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-H9 HYNIX-HMT112S6TFR8A-H9 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C HYNIX-HMT112S6TFR8C Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
More results

Similar Description - HMT112S6AFP6C-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com