Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT125V7AFP8C-G7 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMT125V7AFP8C-G7
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125V7AFP8C-G7 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMT125V7AFP8C-G7 Datasheet HTML 4Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 10Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 11Page - Hynix Semiconductor HMT125V7AFP8C-G7 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev. 0.2 / December 2008
8
DM0–DM8
IN
Active High Masks write data when high, issued concurrently with input data.
VDD, VSS
Supply
Power and ground for the DDR3 SDRAM input buffers, and core logic.
VTT
Supply
Termination Voltage for Address/Command/Control/Clock nets.
DQS0-DQS17
I/O
Positive Edge Positive line of the differential data strobe for input and output data.
DQS0–DQS17
I/O
Negative Edge Negative line of the differential data strobe for input and output data.
TDQS9-TDQS17
TDQS9-TDQS17
OUT
TDQS/TDQS is applicable for x8 DRAMs only. WHen enabled via Mode Reg-
ister A11=1 in MR1, DRAM will enable the same termination resistance
function on TDQS/TDQS that is applied to DQS/DQS. When disabled via
mode register A11=0 in MR1, DM/TDQS will provide the data mask func-
tion and TDQS is not used.x4/x16 DRAMs must disable the TDQS function
via mode register A11=0 in MR1.
SA0–SA2
These signals are tied at the system planar to either VSS or VDDSPD to con-
figure the serial SPD EEPROM address range.
SDA
I/O
This bidirectional pin is used to transfer data into or out of the SPD
EEPROM. An external resistor may be connected from the SDA bus line to
VDDSPD to act as a pullup on the system board.
SCL
IN
This signal is used to clock data into and out of the SPD EEPROM. An
external resistor may be connected from the SCL bus time to VDDSPD to act
as a pull up.
VDDSPD
Supply
Serial EEPROM positive power supply wired to a separate power pin at the
connector which supports from 3.0 Volt to 3.6 Volt (nominal 3.3V) opera-
tion.
EVENT
OUT
(open
drain)
Active Low
This signal indicates that a thermal event has been detected in the thermal
sensing device. The system should guarantee the electrical level require-
ment is met for the EVENT pin on TS/SPD part.
RESET
IN
The RESET pin is connected to the RESET pin on the register and to the
RESET pin on the DRAM. When low, all register outputs will be driven low
and the Clock Driver clocks to the DRAMs and register(s) will be set to low
level (the Clock Driver will remain synchronized with the input clock)
Par_In
IN
Parity bit for the Address and Control bus.(“1”:Odd, “0”:Even)
Err_Out
OUT
(open
drain)
Parity error detected on the Address and Control bus.A resistor may be
connected from Err_Out bus line to VDD on the system planar to act as a
pull up.
TEST
Used by memory bus analysis tools (unused (NC) on memory DIMMs)
Symbol
Type
Polarity
Function


Similar Part No. - HMT125V7AFP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125V7BFR4C-G7 HYNIX-HMT125V7BFR4C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR4C-H9 HYNIX-HMT125V7BFR4C-H9 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR8C-G7 HYNIX-HMT125V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR8C-H9 HYNIX-HMT125V7BFR8C-H9 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
More results

Similar Description - HMT125V7AFP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com