Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMP10470NKTR Datasheet(PDF) 2 Page - Dubilier

Part # MMP10470NKTR
Description  CAPACITORS 5mm BOX POLYESTER MMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

MMP10470NKTR Datasheet(HTML) 2 Page - Dubilier

  MMP10470NKTR Datasheet HTML 1Page - Dubilier MMP10470NKTR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
88
CAPACITORS
5mm BOX POLYESTER MMP
CHARACTERISTICS CURVES
CHARACTERISTICS
CASES UR- : 63 V
CASES UR- : 100 V
CASES UR- : 250 V
CASES UR- : 400 V
Climatic Category
55/100/56 - Performance class 2
Capacitance Range
CR 1 nF to 2.2 µF (E12)
Tolerances on CR
± 5% ± 10% ± 20% other values on request
Nominal Voltages
VR- 63/100/250/400 V
VR~ 40/63/160/200 V
Category Voltage
VC = 0.8 VR- at 100˚C
Test Voltage
VE = 1.6 VR-/2s at 25˚C
Tangent of Loss Angle
tg ∂
Insulation Resistance
Ri
VR- (V)
63
100
250
400
(dv/dt)R max
38
40
110
270
0.1
1.0
10
100
F (MHz)
Z
(� )
100
10
1.0
0.1
0.01
4.7 nF
10 nF
22 nF
47 nF
100 nF
220 nF
470 nF
1 �F
1.5 �F
Influence of the frequency on the impedance (room temperature).
Nominal RMS voltage versus frequency (room temperature) allowing a 10˚C increase of the external temperature of the box.
22 nF
47 nF
100 nF
220 nF
470 nF
1 F
1.5 F
U eff (V) max.
40
10
10
10
10
10
10
F (Hz)
6
5
4
3
2
1
10
3
10
2
10
1
U eff (V) max.
10
10
10
10
10
10
F (Hz)
6
5
4
3
2
1
10 nF
22 nF
47 nF
100 nF
220 nF
470 nF
10
3
63
10
2
10
1
MAX VOLTAGE GRADIENT


Similar Part No. - MMP10470NKTR

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MMP12241 TELEDYNE-MMP12241 Datasheet
155Kb / 2P
   COUGAR MIXERPAK DOUBLE-BALANCED MIXER
MMP12244 TELEDYNE-MMP12244 Datasheet
155Kb / 2P
   2.0 TO 12.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
MMP12321 TELEDYNE-MMP12321 Datasheet
235Kb / 2P
   3.5 TO 12.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
MMP12324 TELEDYNE-MMP12324 Datasheet
239Kb / 2P
   3.5 TO 12.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
MMP18441 TELEDYNE-MMP18441 Datasheet
155Kb / 2P
   4.0 TO 18.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
More results

Similar Description - MMP10470NKTR

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
DMP DUBILIER-DMP Datasheet
281Kb / 2P
   5mm BOX POLYESTER
MMP DUBILIER-MMP Datasheet
288Kb / 2P
   5mm BOX POLYESTER
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
   CAPACITORS BOX POLYESTER LBMP
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
   BOX POLYESTER
logo
List of Unclassifed Man...
167104K100A-F ETC2-167104K100A-F Datasheet
373Kb / 4P
   Radial Box Metallized Polyester Capacitors for Automatic Insertion
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
List of Unclassifed Man...
MFP05S1K ETC1-MFP05S1K Datasheet
306Kb / 2P
   POLYESTER CAPACITORS
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com