Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351V7AMP4C-G7 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HMT351V7AMP4C-G7
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351V7AMP4C-G7 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HMT351V7AMP4C-G7 Datasheet HTML 2Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 3Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 4Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT351V7AMP4C-G7 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev. 0.2 / December 2008
6
2. Pin Architecture
2.1 Pin Definition
Pin Name
Description
Num
-ber
Pin
Name
Description
Num
-ber
A0–A9,A11
A13-A15
Address Inputs
14
A10/AP
Address Input/Autoprecharge
1
BA0–BA2
SDRAM Bank Addresses
3
A12/BC
Address Input/Autoprecharge
1
RAS
Row Address Strobe
1
SCL
Serial Presence Detect (SPD) Clock Input
1
CAS
Column Address Strobe
1
SDA
SPD Data Input/Output
1
WE
Write Enable
1
SA0–SA2 SPD Address Inputs
3
S0–S3Chip Selects
4
Par_in
Parity Bit For The Address and Control
Bus
1
CKE0–CKE1
Clock Enables
2
ERR_OUT Parity Error Found on the Address and
Control Bus
1
ODT0–ODT1
On-die termination Inputs
2
EVENT
Reserved for Optional Hardware
temperature Sensing
1
DQ0–DQ63
Data Input/Output
64
TEST
Memory Bus Test Tool (Not Connected
and Not Usable on DIMMs)
1
CB0–CB7
Data Check Bits Input/Output
8
RESET
Register and SDRAM control pin
1
DQS0–DQS8
Data Strobes
9
VDD
Power Supply
22
DQS0–DQS8
Data Strobes, Negative Line
9
VSS
Ground
59
DM0–DM8
DQS9-DQS17
TDQS9-TDQS17
Data Masks
Data Strobes
Termination Data Strobes
9
VREFDQ
Reference Voltage for DQ
1
VREFCA
Reference Voltage for CA
1
VTT
Termination Voltage
4
DQS9–DQS17
TDQS9–TDQS17
Data Strobes, Negative Line
Termination Data Strobes
9
VDDSPD
SPD Power
1
CK1
Clock Input, positive line
1
CK0
Clock Input, positive line
1
CK1
Clock Input, negative line
1
CK0
Clock Input, positive Line
1


Similar Part No. - HMT351V7AMP4C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351V7AFR4C-G7 HYNIX-HMT351V7AFR4C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT351V7AFR4C-H9 HYNIX-HMT351V7AFR4C-H9 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT351V7AFR8C-G7 HYNIX-HMT351V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT351V7AFR8C-H9 HYNIX-HMT351V7AFR8C-H9 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
More results

Similar Description - HMT351V7AMP4C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com