Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSE1206X103JN Datasheet(PDF) 3 Page - Dubilier

Part # DSE1206X103JN
Description  SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSE1206X103JN Datasheet(HTML) 3 Page - Dubilier

  DSE1206X103JN Datasheet HTML 1Page - Dubilier DSE1206X103JN Datasheet HTML 2Page - Dubilier DSE1206X103JN Datasheet HTML 3Page - Dubilier DSE1206X103JN Datasheet HTML 4Page - Dubilier DSE1206X103JN Datasheet HTML 5Page - Dubilier DSE1206X103JN Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
15
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
RANGE
STABLE CERAMIC CHIP CAPACITORS NICKEL BARRIER TERMINATIONS
Dielectric
X7R
Case Size
00
00
005
10
110
11
Rated Voltage (VDC)
10
1
5
50
10
1
5
50
100
10
1
5
50
100
1
5
50
100
5
50
100
5
50
100
100pf (101)
x
x
x
x
x
120pf (121)
x
x
x
x
x
150pf (151)
x
x
x
x
x
x
x
180pf(181)
x
x
x
x
x
x
x
220pf (221)
x
x
x
x
x
x
x
270pf (271)
x
x
x
x
x
x
x
330pf (331)
x
x
x
x
x
x
x
390pf (391)
x
x
x
x
x
x
x
470pf (471)
x
x
x
x
x
x
x
560pf (561)
x
x
x
x
x
x
x
680pf (681)
x
x
x
x
x
x
x
820pf (821)
x
x
x
x
x
x
x
1,000pf (102)
x
x
x
x
x
x
x
x
x
x
x
1,200pf (122)
x
x
x
x
x
x
x
x
x
x
x
1,500pf (152)
x
x
x
x
x
x
x
x
x
x
x
1,800pf (182)
x
x
x
x
x
x
x
x
x
x
x
2,200pf (222)
x
x
x
x
x
x
x
x
x
x
x
2,700pf (272)
x
x
x
x
x
x
x
x
x
x
x
3,300pf (332)
x
x
x
x
x
x
x
x
x
x
x
3,900pf (392)
x
x
x
x
x
x
x
x
x
x
x
4,700pf (472)
x
x
x
x
x
x
x
x
x
x
x
5,600pf (562)
x
x
x
x
x
x
x
x
x
x
x
x
6,800pf (682)
x
x
x
x
x
x
x
x
x
x
x
x
8,200pf (822)
x
x
x
x
x
x
x
x
x
x
x
x
0.010uf (103)
x
x
x
x
x
x
x
x
x
x
x
x
0.012uf (123)
x
x
x
x
x
x
x
x
x
x
x
x
0.015uf (153)
x
x
x
x
x
x
x
x
x
x
x
x
0.018uf (183)
x
x
x
x
x
x
x
x
x
x
x
x
0.022uf (223)
x
x
x
x
x
x
x
x
x
x
x
x
x
0.027uf (273)
x
x
x
x
x
x
x
x
x
x
x
0.033uf (333)
x
x
x
x
x
x
x
x
x
x
x
0.039uf (393)
x
x
x
x
x
x
x
x
x
x
x
0.047uf (473)
x
x
x
x
x
x
x
x
x
x
x
x
0.056uf(563)
x
x
x
x
x
x
x
x
x
x
x
0.068uf (683)
x
x
x
x
x
x
x
x
x
x
x
0.082uf (823)
x
x
x
x
x
x
x
x
x
x
x
0.10uf (104)
x
x
x
x
x
x
x
x
x
x
x
0.12uf (124)
x
x
x
x
x
x
x
x
x
x
0.15uf(154)
x
x
x
x
x
x
x
x
x
x
0.18uf(184)
x
x
x
x
x
x
x
x
x
0.22uf(224)
x
x
x
x
x
x
x
x
x
0.27uf (274)
x
x
x
x
x
x
x
x
0.33uf (334)
x
x
x
x
x
x
x
x
x
0.39uf (394)
x
x
x
x
x
x
x
x
x
x
x
0.47uf (474)
x
x
x
x
x
x
x
x
x
x
x
0.56uf (564)
x
x
x
x
x
x
x
x
x
x
0.68uf (684)
x
x
x
x
x
x
x
x
x
x
x
0.82uf (824)
x
x
x
x
x
x
x
x
x
x
x
1.0uf (105)
x
x
x
x
x
x
x
x
x
x
x


Similar Part No. - DSE1206X103JN

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSE160 DSE-DSE160 Datasheet
553Kb / 2P
   SELF SEEKING POWER SUPPLY
More results

Similar Description - DSE1206X103JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com