Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT125U7TFR8C-H9 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT125U7TFR8C-H9
Description  240pin DDR3 SDRAM Registered DIMM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125U7TFR8C-H9 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT125U7TFR8C-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT125U7TFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Rev. 1.0 / Nov. 2009
3
Description
Hynix Unbuffered DDR3 SDRAM DIMMs (Unbuffered Double Data Rate Synchronous DRAM Dual In-Line
Memory Modules) are low power, high-speed operation memory modules that use Hynix DDR3 SDRAM
devices. These Unbuffered SDRAM DIMMs are intended for use as main memory when installed in systems
such as PCs and workstations.
Features
* This product is in compliance with the RoHS directive.
Ordering Information
Part Number
Density Organization
Component Composition
# of
ranks
FDHS
HMT112U6TFR8C-G7/H9/PB
1GB
128Mx64
128Mx8(H5TQ1G83TFR)*8
1
X
HMT112U7TFR8C-G7/H9/PB
1GB
128Mx72
128Mx8(H5TQ1G83TFR)*9
1
X
HMT125U6TFR8C-G7/H9/PB
2GB
256Mx64
128Mx8(H5TQ1G83TFR)*16
2
X
HMT125U7TFR8C-G7/H9/PB
2GB
256Mx72
128Mx8(H5TQ1G83TFR)*18
2
X
• VDD=1.5V +/- 0.075V
• VDDQ=1.5V +/- 0.075V
• VDDSPD=3.0V to 3.6V
• Functionality and operations comply with the
DDR3 SDRAM datasheet
• 8 internal banks
• Data transfer rates: PC3-10600, PC3-8500, or
PC3-6400
• Bi-directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly: BL 8 or BC
(Burst Chop) 4
• Supports ECC error correction and detection
• On Die Termination (ODT) supported
• Temperature sensor with integrated SPD (Serial
Presence Detect) EEPROM
• RoHS compliant


Similar Part No. - HMT125U7TFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125U7AFP8C-G7 HYNIX-HMT125U7AFP8C-G7 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U7AFP8C-G8 HYNIX-HMT125U7AFP8C-G8 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U7AFP8C-H8 HYNIX-HMT125U7AFP8C-H8 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U7AFP8C-H9 HYNIX-HMT125U7AFP8C-H9 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U7AFP8C-S5 HYNIX-HMT125U7AFP8C-S5 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results

Similar Description - HMT125U7TFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7TFR8C-G7 HYNIX-HMT112R7TFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com