Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP31GP7AFR4C-S5 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMP31GP7AFR4C-S5
Description  240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP31GP7AFR4C-S5 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMP31GP7AFR4C-S5 Datasheet HTML 4Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 5Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 6Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 7Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 8Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 9Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 10Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 11Page - Hynix Semiconductor HMP31GP7AFR4C-S5 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. 0.1 / Jan. 2009
8
1
240pin Registered DDR2 SDRAM DIMMs
INPUT DC LOGIC LEVEL
INPUT AC LOGIC LEVEL
AC INPUT TEST CONDITIONS
Note:
1.
Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device under test.
2.
The input signal minimum slew rate is to be maintained over the range from VREF max to VIH(ac) min for rising edges and the
range from VREF min to VIL(ac) max for falling edges as shown in the below figure.
3.
AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions and VIH(ac) to
VIL(ac) on the negative transitions.
Parameter
Symbol
Min
Max
Unit
Note
dc Input logic HIGH
VIH(DC)
VREF + 0.125
VDDQ + 0.3
V
dc Input logic LOW
VIL(DC)
-0.30
VREF - 0.125
V
Parameter
Symbol
DDR2 667/800
Unit
Notes
Min
Max
ac Input logic HIGH
VIH(AC)
VREF + 0.200
-
V
ac Input logic LOW
VIL(AC)
-VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
< Figure: AC Input Test Signal Waveform >
VSWING(MAX)
TR
TF
Start of Falling Edge Input Timing
Start of Rising Edge Input Timing
VREF - VIL(ac) max
TF
Falling Slew =
Rising Slew =
VIH(ac) min - VREF
TR


Similar Part No. - HMP31GP7AFR4C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP31GP7EMR4C-C4 HYNIX-HMP31GP7EMR4C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7EMR4C-C4 HYNIX-HMP31GP7EMR4C-C4 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7EMR4C-Y5 HYNIX-HMP31GP7EMR4C-Y5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7EMR4C-Y5 HYNIX-HMP31GP7EMR4C-Y5 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP31GP7AFR4C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com