Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351S6AFR8C-H9 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMT351S6AFR8C-H9
Description  204pin DDR3 SDRAM SODIMM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351S6AFR8C-H9 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMT351S6AFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT351S6AFR8C-H9 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Rev. 0.02 / Apr. 2009
9
HMT351S6AFR8C
2.3 Pin Assignment
Pin
#
Front
Side
Pin
#
Back
Side
Pin
#
Front
Side
Pin
#
Back
Side
Pin
#
Front
Side
Pin
#
Back
Side
Pin
#
Front
Sid
Pin
#
Back
Side
1
VREFDQ
2
VSS
53
DQ19
54
VSS
105
VDD
106
VDD
157 DQ42
158
DQ46
3
VSS
4
DQ4
55
VSS
56
DQ28 107 A10/AP 108
BA1
159
DQ43
160
DQ47
5
DQ0
6
DQ5
57
DQ24
58
DQ29 109
BA0
110
RAS
161
VSS
162
VSS
7DQ1
8
VSS
59
DQ25
60
VSS
111
VDD
112
VDD
163 DQ48
164
DQ52
9
VSS
10
DQS0
61
VSS
62
DQS3 113
WE
114
S0
165
DQ49
166
DQ53
11
DM0
12
DQS0
63
DM3
64
DQS3 115
CAS
116
ODT0 167
VSS
168
VSS
13
VSS
14
VSS
65
VSS
66
VSS
117
VDD
118
VDD
169 DQS6
170
DM6
15
DQ2
16
DQ6
67
DQ26
68
DQ30 119
A132
120
ODT1 171 DQS6
172
VSS
17
DQ3
18
DQ7
69
DQ27
70
DQ31 121
S1
122
NC
173
VSS
174
DQ54
19
VSS
20
VSS
71
VSS
72
VSS
123
VDD
124
VDD
175 DQ50
176
DQ55
21
DQ8
22
DQ12
73
CKE0
74
CKE1 125 TEST
126 VREFCA 177 DQ51 178
VSS
23
DQ9
24
DQ13
75
VDD
76
VDD
127
VSS
128
VSS
179
VSS
180
DQ60
25
VSS
26
VSS
77
NC
78
A152
129 DQ32
130
DQ36 181 DQ56
182
DQ61
27
DQS1
28
DM1
79
BA2
80
A142
131 DQ33
132
DQ37 183 DQ57
184
VSS
29
DQS1
30
RESET
81
VDD
82
VDD
133
VSS
134
VSS
185
VSS
186
DQS7
31
VSS
32
VSS
83 A12/BC 84
A11
135
DQS4
136
DM4
187
DM7
188
DQS7
33
DQ10
34
DQ14
85
A9
86
A7
137 DQS4
138
VSS
189
VSS
190
VSS
35
DQ11
36
DQ15
87
VDD
88
VDD
139
VSS
140
DQ38 191
DQ58
192
DQ62
37
VSS
38
VSS
89
A8
90
A6
141 DQ34
142
DQ39 193 DQ59
194
DQ63
39
DQ16
40
DQ20
91
A5
92
A4
143 DQ35
144
VSS
195
VSS
196
VSS
41
DQ17
42
DQ21
93
VDD
94
VDD
145
VSS
146
DQ44 197
SA0
198 EVENT
43
VSS
44
VSS
95
A3
96
A2
147 DQ40
148
DQ45 199 VDDSPD 200
SDA
45
DQS2
46
DM2
97
A1
98
A0
149 DQ41
150
VSS
201
SA1
202
SCL
47
DQS2
48
VSS
99
VDD
100
VDD
151
VSS
152
DQS5 203
V
TT
204
V
TT
49
VSS
50
DQ22 101
CK0
102
CK1
153
DM5
154
DQS5
51
DQ18
52
DQ23 103
CK0
104
CK1
155
VSS
156
VSS
NC = No Connect; RFU = Reserved Future Use
1. TEST (pin 125) is reserved for bus analysis probes and is NC on normal memory modules.
2. This address might be connected to NC balls of the DRAMs (depending on density); either way they will be con-
nected to the termination resistor.


Similar Part No. - HMT351S6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351S6BFR8C-G7 HYNIX-HMT351S6BFR8C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6BFR8C-H9 HYNIX-HMT351S6BFR8C-H9 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6BFR8C-PB HYNIX-HMT351S6BFR8C-PB Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6CFR8A HYNIX-HMT351S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-G7 HYNIX-HMT351S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT351S6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com