Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351V7AFR8C-G7 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMT351V7AFR8C-G7
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351V7AFR8C-G7 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMT351V7AFR8C-G7 Datasheet HTML 1Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 2Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 3Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 4Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT351V7AFR8C-G7 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Rev. 0.02 / Apr. 2009
4
1. Description
This Hynix DDR3 VLP (Very Low Profile) registered Dual In-Line Memory Module (DIMM) series consists of 2Gb A gen-
eration. These are intended for use as main memory in server and workstation systems, providing a high performance
8 byte interface in 133.35mm width form factor of industry standard. It is suitable for easy interchange and addition.
1.1 Device Features & Ordering Information
1.1.1 Features
1.1.2 Ordering Information
*Please Contact local sales administrator for more details of part number
Part Name
Density
Organizatio
n
# of
DRAMs
# of
ranks
Materials
FDHS
HMT325V7AFR8C-G7/H9
2GB
256Mx72
9
1
Halogen free
X
HMT351V7AFR8C-G7/H9
4GB
512Mx72
18
2
Halogen free
X
HMT351V7AFR4C-G7/H9
4GB
512Mx72
18
1
Halogen free
X
HMT41GV7AMR8C-G7/H9
8GB
1Gx72
36
4
Halogen free
O
HMT41GV7AMR4C-G7/H9
8GB
1Gx72
36
2
Halogen free
O
• VDD=VDDQ=1.5V
• VDDSPD=3.3V to 3.6V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and /DQS transition with
CK transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data, data
strobes and data masks latched on the rising edges of
the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, and (11)
supported
• Programmableadditivelatency0,CL-1,andCL-2sup
ported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• 8K refresh cycles /64ms
• DDR3 SDRAM Package: JEDEC standard 78ball
FBGA(x4/x8) with support balls
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• Auto Self Refresh supported
• 8 bit pre-fetch
• SPD with Integrated TS of Class B


Similar Part No. - HMT351V7AFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351V7AMP4C-G7 HYNIX-HMT351V7AMP4C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT351V7AMP4C-H9 HYNIX-HMT351V7AMP4C-H9 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
More results

Similar Description - HMT351V7AFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com