Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325S6BFR8C-G7 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMT325S6BFR8C-G7
Description  204pin DDR3 SDRAM SODIMM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325S6BFR8C-G7 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMT325S6BFR8C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 10Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 11Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 12Page - Hynix Semiconductor HMT325S6BFR8C-G7 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Rev. 0.2 / Feb. 2010
9
Functional Block Diagram
1GB, 128Mx64 Module(1Rank of x16)
DQS1
DQS1
DM1
DQ [8:15]
DQS0
DQS0
DM0
DQ [0:7]
LDQS
LDQS
LDM
DQ [0:7]
D0
UDQS
UDQS
UDM
DQ [8:15]
A2
Temp Sensor
SDA
D0–D3
VDDSPD
SPD/TS
D0–D3
VREFCA
SCL
Vtt
D0–D3
VDD
EVENT
240ohm
ZQ
+/-1%
DQS3
DQS3
DM3
DQ [24:31]
DQS2
DQS2
DM2
DQ [16:23]
LDQS
LDQS
LDM
DQ [0:7]
D1
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
DQS5
DQS5
DM5
DQ [40:47]
DQS4
DQS4
DM4
DQ [32:39]
LDQS
LDQS
LDM
DQ [0:7]
D2
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
DQS7
DQS7
DM7
DQ [56:63]
DQS6
DQS6
DM6
DQ [48:55]
LDQS
LDQS
LDM
DQ [0:7]
D3
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
Vtt
Vtt
VDD
A1
A0
SCL
SA0
SA1
(with SPD)
EVENT
A2
SDA
SCL
WP
A1
A0
SCL
SA0
SA1
(SPD)
Vtt
VREFDQ
VSS
CK0
CK0
CK1
CK1
ODT1
S1
EVENT
RESET
D0–D3, SPD, Temp sensor
D0–D3
D0–D3
Terminated at near
card edge
NC
NC
Temp Sensor
D0-D3
D0
D1
D2
D3
NOTES
1. DQ wiring may differ from that shown
however, DQ, DM, DQS, and DQS relation-
ships are maintained as shown
Address and Control Lines
Rank 0
The SPD may be
integrated with the Temp
Sensor or may be
a separate component


Similar Part No. - HMT325S6BFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-G7 HYNIX-HMT325S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-H9 HYNIX-HMT325S6CFR8A-H9 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-PB HYNIX-HMT325S6CFR8A-PB Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8C HYNIX-HMT325S6CFR8C Datasheet
979Kb / 48P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT325S6BFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com