Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA0805X104JN Datasheet(PDF) 1 Page - Dubilier

Part # DSA0805X104JN
Description  SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSA0805X104JN Datasheet(HTML) 1 Page - Dubilier

  DSA0805X104JN Datasheet HTML 1Page - Dubilier DSA0805X104JN Datasheet HTML 2Page - Dubilier DSA0805X104JN Datasheet HTML 3Page - Dubilier DSA0805X104JN Datasheet HTML 4Page - Dubilier DSA0805X104JN Datasheet HTML 5Page - Dubilier DSA0805X104JN Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
L
W
T
P
SizeCode
mm
mm
mm
mm
0402
1.0±0.1 0.5±0.05 0.6 MAX
0.2
0603
1.6±0.15 0.8±0.1 0.9 MAX
0.3
0805
2.0±0.2 1.25±0.15 1.3 MAX
0.5
1206
3.2±0.2 1.6±0.15 1.3 MAX
0.5
1210
3.2±0.3 2.5±0.3 1.7 MAX
0.5
1812
4.5±0.3 3.2±0.3 1.6 MAX
0.5
2220
5.7±0.4
5±0.4
2.0 MAX
0.5
ORDERING INFORMATION
TOLERANCES
OUTLINE DRAWING
Dielectric materials, capacitance values and tolerances are only available in the following
combinations.
Dielectric
Available Tolerances
Capacitance
Tolerance Codes
± 0.25pF, ± 0.5pF
E12 Values
B = ± 0.1pF
COG
± 1%
C = ± 0.25pF
± 2%
D = ± 0.5pF
± 5%
F = ± 1%
G = ± 2%
J = ± 5%
K = ± 10%
M = ± 20%
Z = -20 + 80%
X7R/ X5R
± 5%, ± 20%
E12 Values
Y5V
± 20%, -20 + 80%
E6 Values
Z5U
± 20%, -20 + 80%
E6 Values
L
W
T
P
P
C
Indicates
termination area
Dimensions in mm
DS
U
005
C
Part
Voltage
U = 50/63V
A = 100V
F = 200V
E = 25V
C = 16V
B = 10V
J = 500V
G = 250V
D = 6.3V
Size
0402
0603
0805
1206
1210
1812
2220
Dielectric
C = NPO
R =- X7R
X = X5R
G = Y5V
W = Z5U
101
J
N
Value
Example
101 = 100pF
102 = 1nF
103 = 10nF
104 = 100nF
Tolerance
See Above
**
for code
Plating
N = Nickel barrier
**
NPO, X7R, Y5V/Z5U dielectric
All standard chip sizes
13" reel size available
Our range of SMD multi-layer ceramic capacitors compliments the
leaded capacitors available in radial and axial form.
All product packaging is fully marked with date and lot traceability
information.
Most industry standard sizes are available, including 0402 and
1812.


Similar Part No. - DSA0805X104JN

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
DSA010 EICHHOFF-DSA010 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-550 EICHHOFF-DSA010-550 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-551 EICHHOFF-DSA010-551 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-552 EICHHOFF-DSA010-552 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-553 EICHHOFF-DSA010-553 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
More results

Similar Description - DSA0805X104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com