Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP512F7FFP8C-C4 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMP512F7FFP8C-C4
Description  240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP512F7FFP8C-C4 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMP512F7FFP8C-C4 Datasheet HTML 7Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 8Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 9Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 10Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 11Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 12Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 13Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 14Page - Hynix Semiconductor HMP512F7FFP8C-C4 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Rev 1.2 / Feb. 2009
11
1
240pin Fully Buffered DDR2 SDRAM DIMMs
Right Side
NC= No Connect, RFU= Reserved for Future Use.
Note:
a. These pin positions are reserved for forwarded clocks to be used in future AMB implementations
16
17
18
19
20
21
22
23
24
25
26
27
28
29
A
VDD
TEST
VDD
DQ52
DQS15
VDD
DQ49
DQS6
VDD
DQ48
DQ38
VDD
B
VDD
TEST
DDRC
VSS
DQS15 DQ53
VSS
DQS6
DQ50
VSS
DQS13 DQS13
VSS
CDQS17
VSS
DDRC
DQ54
VSS
DQ55
DQ51
VSS
DQS7
DQ56
VSS
DQ46
DQS14
VDD
D
CB6
CB7
VSS
DQS16
DQ63
VSS
DQ59
DQS7
VSS
DQ36
DQ44
VSS
DQS14 DQ47
EVSS
CB5
DQS16
VSS
DQ61
DQ57
VSS
DQ58
DQ39
VSS
DQ33
DQ45
VSS
DQ41
F
CB4
VDD
DQ62
DQ60
VSS
TEST
TEST
VSS
DQ37
DQ35
VSS
DQS5DQ43
VSS
G
TESTLO
RFU
RFU
NC
NC
NC
DQS4
DQS4
VSS
NC
NC
NC
DQS5
DQ40
H
VSS
VDD
VSS
NC
NC
NC
VSS
DQ34
DQ32
NC
NC
NC
VSS
DQ42
J
VDD
VSS
VDD
NC
NC
NC
RASBVSS
RFU
NC
NC
NC
CLK3VSS
K
VSS
VCC
VSS
NC
NC
NC
ODT0B CS1B
VSS
NC
NC
NC
CLK1CLK3
L
VCC
VSS
VCC
NC
NC
NC
VSS
CASBWEBNC
NC
NC
VSS
CLK1
M
VSS
VCC
VSS
NC
NC
NC
CS0B
VSS
BA1B
NC
NC
NC
CKE0B
VSS
N
VCC
VSS
VCC
NC
NC
NC
A0B
A2B
VSS
NC
NC
NC
BA0B
BA2B
P
VSS
VCC
VSS
NC
NC
NC
VSS
A4B
A1B
NC
NC
NC
VSS
CKE1B
R
VCC
VSS
VCC
NC
NC
NC
A6B
VSS
A10B
NC
NC
NC
A3B
VSS
T
VSS
VCC
VSS
NC
NC
NC
A11B
A9B
VSS
NC
NC
NC
A7B
A5B
U
VSS
VCCFBD
RFU
NC
NC
NC
A8B
A15B
A14B
SA0
SCL
SDA
PS8PS8
V
VCCFBD
VSS
VCCFBD
VSS
VCCFBD RFUa
RFUa
VSS
A13B
A12B
SA2
SA1
PS7PS7
WVSS
SS0SS1SS2SS3SS4SS9SS5SS6SS7SS8VSS
PS6PS6
Y
VSS
SS0
SS1
SS2
SS3
SS4
SS9
SS5
SS6
SS7
SS8
VSS
PS5PS5
AA
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
PS9PS9
VSS
AB
VSS
SN11
VSS
SCK
TESTLO
PS0PS1PS2PS3PS4
RFUa VDDSPD
VSS
AC
RFU
SN11
VSS
SCK
TESTLO
PS0
PS1
PS2
PS3
PS4
RFUa
VSS
16
17
18
19
20
21
22
23
24
25
26
27
28
29


Similar Part No. - HMP512F7FFP8C-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP512P7FFP4C-Y5 HYNIX-HMP512P7FFP4C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP512R7FFP4C-E3 HYNIX-HMP512R7FFP4C-E3 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-S5 HYNIX-HMP512U6FFP8C-S5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-S6 HYNIX-HMP512U6FFP8C-S6 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
More results

Similar Description - HMP512F7FFP8C-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com