Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP525F7FFP4C-C4 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMP525F7FFP4C-C4
Description  240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP525F7FFP4C-C4 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMP525F7FFP4C-C4 Datasheet HTML 4Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 5Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 6Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 7Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 8Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 9Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 10Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 11Page - Hynix Semiconductor HMP525F7FFP4C-C4 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Rev 1.2 / Feb. 2009
8
1
240pin Fully Buffered DDR2 SDRAM DIMMs
Architecture
Advanced Memory Buffer Pin Description
Pin Name
Pin Description
Count
FB-DIMM Channel Signals
99
SCK
System Clock Input, positive line
1
SCK
System Clock Input, negative line
1
PN[13:0]
Primary Northbound Data, positive lines
14
PN[13:0]
Primary Northbound Data, negative lines
14
PS[9:0]
Primary Southbound Data, positive lines
10
PS[9:0]
Primary Southbound Data, negative lines
10
SN[13:0]
Secondary Northbound Data, positive lines
14
SN[13:0]
Secondary Northbound Data, negative lines
14
SS[9:0]
Secondary Southbound Data, positive lines
10
SS[9:0]
Secondary Southbound Data, negative lines
10
FBDRES
To an external precision calibration resistor connected to Vcc
1
DDR2 Interface Signals
175
DQS[8:0]
Data Strobes, positive lines
9
DQS[8:0]
Data Strobes, negative lines
9
DQS[17:9]/DM[8:0]
Data Strobes(x4 DRAM only), positive lines. These signals are driven low to x8
DRAM on writes.
9
DQS[17:9]
Data Strobes(x4 DRAM only), negative lines
9
DQ[63:0]
Data
64
CB[7:0]
Checkbits
8
A[15:0]A,A[15:0]B
Addresses. A10 is part of the pre-charge command
32
BA[2:0]A,BA[2:0]B
Bank Addresses
6
RASA,RASB
Part of command, with CAS, WE and CS[1:0]
2
CASA,CASB
Part of command, with RAS, WE and CS[1:0]
2
WEA,WEB
Part of command, with RAS, WE and CS[1:0]
2
ODTA,ODTB
On-die Termination Enable
2
CKE[1:0]A,CKE[1:0]B
Clock Enable(one per rank)
4
CS[1:0]A,CS[1:0]B
Chip Select(One per rank)
4
CLK[3:0]
CLK[1:0] used on 9 and 18 device DIMMs, CLK[3:0] used on 36 device DIMMs.
CLK[3:2] should be output disabled when not in use.
4
CLK[3:0]
Negative lines for CLK[3:0]
4
DDRC_C14
DDR Compensation: Common return pin for DDRC_B18 and DDRC_C18
1
DDRC_B18
DDR Compensation: Resistor connected to common return pin DDRC_C14
1
DDRC_C18
DDR Compensation: Resistor connected to common return pin DDRC_C14
1
DDRC_B12
DDR Compensation: Resistor connected to VSS
1
DDRC_C12
DDR Compensation: Resistor connected to VDD
1


Similar Part No. - HMP525F7FFP4C-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP525P7FFP4C-Y5 HYNIX-HMP525P7FFP4C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP525R7FFP4C-E3 HYNIX-HMP525R7FFP4C-E3 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results

Similar Description - HMP525F7FFP4C-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com