Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325R7AFR8A-H9 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT325R7AFR8A-H9
Description  240pin DDR3 SDRAM Registered DIMM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325R7AFR8A-H9 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT325R7AFR8A-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 13Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Rev. 0.1 / Nov. 2009
10
Registering Clock Driver Specifications
Capacitance Values
Input & Output Timing Requirements
Symbol
Parameter
Conditions
Min
Typ Max
Unit
CI
Input capacitance, Data inputs
1.5
-
2.5
pF
Input capacitance, CK, CK, FBIN, FBIN
2
-
3
pF
Input capacitance, CK, CK, FBIN, FBIN
(DDR3-1600)
1.5
-
2.5
pF
CIR
Input capacitance, RESET, MIRROR,
QCSEN
VI = VDD or GND; VDD = 1.5v
--
3
pF
Symbol
Parameter
Conditions
DDR3-800
1066/1333
Unit
Min
Max
fclock
Input clock frequency
Application frequency
300
670
Mhz
fTEST
Input clock frequency
Test frequency
70
300
Mhz
tSU
Setup time
Input valid before CK/CK
100
-
ps
tH
Hold time
Input to remain valid after CK/CK
175
-
ps
tPDM
Propagation delay, single-
bit switching
CK/CK to output
0.65
1.0
ns
tDIS
Output disable time (1/2-
Clock prelaunch)
Yn/Yn to output float
0.5 tCK +
tQSK1(min)
-ps
tEN
Output enable time (1/2-
Clock prelaunch)
Output driving to Yn/Yn
0.5 tCK -
tQSK1(max)
-ps


Similar Part No. - HMT325R7AFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-H9 HYNIX-HMT325R7AFR8C-H9 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT325R7AFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7TFR8C-G7 HYNIX-HMT112R7TFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com