Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325R7AFR8A-H9 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT325R7AFR8A-H9
Description  240pin DDR3 SDRAM Registered DIMM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325R7AFR8A-H9 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT325R7AFR8A-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT325R7AFR8A-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Rev. 0.1 / Nov. 2009
3
Description
Hynix Registered DDR3 SDRAM DIMMs (Registered Double Data Rate Synchronous DRAM DUal In-Line
Memory Modules) are low power, high-speed operation memory modules that use Hynix DDR3 SDRAM
devices. These Registered SDRAM DIMMs are intended for use as main memory when installed in systems
such as servers and workstations.
Features
• Power Supply: VDD=1.35V (1.283V to 1.45V)
• VDDQ = 1.35V (1.283V to 1.45V)
• Backward Compatible with 1.5V DDR3 Memory Module
• VDDSPD=3.0V to 3.6V
• Functionality and operations comply with the DDR3L SDRAM datasheet
• 8 internal banks
• Data transfer rates: PC3L-10600, PC3L-8500
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Supports ECC error correction and detection
• On-Die Termination (ODT)
• Temperature sensor with integrated SPD
* This product is in compliance with the RoHS directive.
Ordering Information
* In order to uninstall FDHS, please contact sales administrator
Part Number
Density Organization
Component Composition
# of
ranks
FDHS
HMT325R7AFR8A-G7/H9
2GB
256Mx72
256Mx8(H5TC2G83AFR)*9
1
X
HMT351R7AFR8A-G7/H9
4GB
512Mx72
256Mx8(H5TC2G83AFR)*18
2
X
HMT351R7AFR4A-G7/H9
4GB
512Mx72
512Mx4(H5TC2G43AFR)*18
1
X
HMT31GR7AFR8A-G7/H9
8GB
1Gx72
256Mx8(H5TC2G83AFR)*36
4
O
HMT31GR7AFR4A-G7/H9
8GB
1Gx72
512Mx4(H5TC2G43AFR)*36
2
O
HMT42GR7AMR4A-G7/H9
16GB
2Gx72
DDP 1Gx4(H5TC4G43AMR)*36
4
O


Similar Part No. - HMT325R7AFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-H9 HYNIX-HMT325R7AFR8C-H9 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT325R7AFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7TFR8C-G7 HYNIX-HMT112R7TFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com