Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351S6BFR8C-PB Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT351S6BFR8C-PB
Description  204pin DDR3 SDRAM SODIMM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351S6BFR8C-PB Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT351S6BFR8C-PB Datasheet HTML 3Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 4Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 5Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 6Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 7Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 8Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 9Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 10Page - Hynix Semiconductor HMT351S6BFR8C-PB Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Rev. 0.2 / Feb. 2010
7
SDA
I/O
This bidirectional pin is used to transfer data into or out of the SPD EEPROM. A resistor
must be connected from the SDA bus line to VDDSPD on the system planar to act as a
pullup.
SCL
IN
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be con-
nected from the SCL bus time to VDDSPD on the system planar to act as a pullup.
EVENT
OUT
(open
drain)
Active Low
This signal indicates that a thermal event has been detected in the thermal sensing
device.The system should guarantee the electrical level requirement is met for the
EVENT pin on TS/SPD part.
No pull-up resister is provided on DIMM.
VDDSPD
Supply
Serial EEPROM positive power supply wired to a separate power pin at the connector
which supports from 3.0 Volt to 3.6 Volt (nominal 3.3V) operation.
RESET
IN
The RESET pin is connected to the RESET pin on the register and to the RESET pin on
the DRAM.
TEST
Used by memory bus analysis tools (unused (NC) on memory DIMMs)
Symbol
Type
Polarity
Function


Similar Part No. - HMT351S6BFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-H9 HYNIX-HMT351S6AFR8C-H9 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT351S6CFR8A HYNIX-HMT351S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-G7 HYNIX-HMT351S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT351S6CFR8A-H9 HYNIX-HMT351S6CFR8A-H9 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT351S6BFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com