Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP512P72CP4-E3 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HYMP512P72CP4-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512P72CP4-E3 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HYMP512P72CP4-E3 Datasheet HTML 2Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 3Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 9Page - Hynix Semiconductor HYMP512P72CP4-E3 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Rev. 0.2 / Sep. 2008
6
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
512MB(64Mbx72): HYMP564R72CP8 / HYMP564P72P8
P
L
L
OE
PCK0 to PCK6, PCK8,PCK9 ==> CK: SDRAMs D0 toD8
/PCK0 to /PCK6, /PCK8, /PCK9 ==> /CK: SDRAMs D0 toD8
PCK7 ==> CK: Register
/PCK7 ==> /CK: Register
CK0
/CK0
/RESET
/RS0
D0
DQ0
I/O 0
DQ1
I/O 1
DQ2
I/O 2
DQ3
I/O 3
DQ4
I/O 4
DQ5
I/O 5
DQ6
I/O 6
I/O 7
DQ7
/DQS0
DM0,DQS9
DQS0
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS9
D1
DQ8
I/O 0
DQ9
I/O 1
DQ10
I/O 2
DQ11
I/O 3
DQ12
I/O 4
DQ13
I/O 5
DQ14
I/O 6
I/O 7
DQ15
/DQS1
DM1,DQS10
DQS1
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS10
D2
DQ16
I/O 0
DQ17
I/O 1
DQ18
I/O 2
DQ19
I/O 3
DQ20
I/O 4
DQ21
I/O 5
DQ22
I/O 6
I/O 7
DQ23
/DQS2
DM2,DQS11
DQS2
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS11
D3
DQ24
I/O 0
DQ25
I/O 1
DQ26
I/O 2
DQ27
I/O 3
DQ28
I/O 4
DQ29
I/O 5
DQ30
I/O 6
I/O 7
DQ31
/DQS3
DM3,DQS12
DQS3
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS12
D8
CB0
I/O 0
CB1
I/O 1
CB2
I/O 2
CB3
I/O 3
CB4
I/O 4
CB5
I/O 5
CB6
I/O 6
I/O 7
CB7
/DQS8
DM8DQS17
DQS8
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS17
D4
DQ32
I/O 0
DQ33
I/O 1
DQ34
I/O 2
DQ35
I/O 3
DQ36
I/O 4
DQ37
I/O 5
DQ38
I/O 6
I/O 7
DQ39
/DQS4
DM4,DQS13
DQS4
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS13
D5
DQ40
I/O 0
DQ41
I/O 1
DQ42
I/O 2
DQ43
I/O 3
DQ44
I/O 4
DQ45
I/O 5
DQ46
I/O 6
I/O 7
DQ47
/DQS5
DM5,DQS14
DQS5
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS14
D6
DQ48
I/O 0
DQ49
I/O 1
DQ50
I/O 2
DQ51
I/O 3
DQ52
I/O 4
DQ53
I/O 5
DQ54
I/O 6
I/O 7
DQ55
/DQS6
DM6,DQS15
DQS6
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS15
D7
DQ56
I/O 0
DQ57
I/O 1
DQ58
I/O 2
DQ59
I/O 3
DQ60
I/O 4
DQ61
I/O 5
DQ62
I/O 6
I/O 7
DQ63
/DQS7
DM7,DQS16
DQS7
/CS
DQS
/DQS
DM
RDQS
NU
/RDQS
/DQS16
VDD SPD
VDD /
VDDQ
VREF
VSS
Serial PD
DO-D8
DO-D8
DO-D8
SA0
SA1
SA2
WP
SCL
SDA
A0
A1
A2
Serial PD
SCL
U0
SDA
* : /S0 connects to D/CS and VDD connects to /CSR on register.
ODT0
CKE0
/PCK7
/WE
R
E
G
I
S
T
E
R
PCK7
/RESET
/CAS
/RAS
BA0 to BA1
A0 to A13
/CS0*
RODT0 ==> ODT0: SDRAMs D0 to D8
/RWE ==> /WE: SDRAMs D0 to D8
RCKE0 ==> CKE: SDRAMs D0 to D8
/RCAS ==>/CAS: SDRAMs D0 to D8
/RRAS ==>/RAS: SDRAMs D0 to D8
/RA0 to RA13 ==> A0 to A13: SDRAMs D0 to D8
RBA0 to RBA1 ==> BA0 to BA1: SDRAMs D0 to D8
/RS0 to /CS ==> /CS: SDRAMs D0 to D8
/RST
1. Register values are 22 Ohms.
Notes :
Register
C0
C1
PAR_IN
PPO
/QERR
VSS
PAR_IN
100K ohms
/Err-Out
Signals for Address and Command Parity Function
The resistors on Par_In, A13, A14, A15, BA2 and
the signal line of Err_Out refer to the section:
“Register Options for Unused Address inputs”
VSS


Similar Part No. - HYMP512P72CP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512P72CP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com