Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW21000 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW21000
Description  Telecom & Industry stationary battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW21000 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW21000 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
2 V
100 Ah
229 mm (9.01 inches)
207 mm (8.15 inches)
171 mm (6.73 inches)
71 mm (2.80 inches)
5.8 Kg (12.7 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(10 A)
5 hour rate(16 A)
1 hour rate(60 A)
100 AH
80 AH
60 AH
Full charged Battery at 25 (77 ) 1.0 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T16
Initial Charging Current less than 30 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
Sw21000(2V100AH)
171
93
71
211A
100A
50A
20A
10A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
T16
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
1.60V
1.70V
1.75V
1.80V
1.85V
R
14
M6
16


Similar Part No. - SW21000

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW210000 SUNNYWAY-SW210000 Datasheet
470Kb / 1P
   Telecom & Industry stationary battery
SW210000E SUNNYWAY-SW210000E Datasheet
435Kb / 1P
   Photovaltaic & wind power battery
SW210000E SUNNYWAY-SW210000E_17 Datasheet
481Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW210000 SUNNYWAY-SW210000_17 Datasheet
637Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW21000

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW225000 SUNNYWAY-SW225000 Datasheet
475Kb / 1P
   Telecom & Industry stationary battery
SW23000 SUNNYWAY-SW23000 Datasheet
401Kb / 1P
   Telecom & Industry stationary battery
SW24000 SUNNYWAY-SW24000 Datasheet
392Kb / 1P
   Telecom & Industry stationary battery
SW27500 SUNNYWAY-SW27500 Datasheet
470Kb / 1P
   Telecom & Industry stationary battery
SW21500 SUNNYWAY-SW21500_2 Datasheet
382Kb / 1P
   Telecom & Industry stationary battery
SW24500 SUNNYWAY-SW24500 Datasheet
396Kb / 1P
   Telecom & Industry stationary battery
SW25000 SUNNYWAY-SW25000 Datasheet
398Kb / 1P
   Telecom & Industry stationary battery
SW210000 SUNNYWAY-SW210000 Datasheet
470Kb / 1P
   Telecom & Industry stationary battery
SW27000 SUNNYWAY-SW27000 Datasheet
368Kb / 1P
   Telecom & Industry stationary battery
SW21500 SUNNYWAY-SW21500_1 Datasheet
509Kb / 1P
   Telecom & Industry stationary battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com