Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT42GR7BMR4A-H9 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT42GR7BMR4A-H9
Description  240pin DDR3L SDRAM Registered DIMM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT42GR7BMR4A-H9 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT42GR7BMR4A-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 13Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 14Page - Hynix Semiconductor HMT42GR7BMR4A-H9 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Rev. 0.2 / Feb. 2010
11
On DIMM Thermal Sensor
The DDR3 SDRAM DIMM temperature is monitored by integrated thermal sensor. The integrated thermal
sensor comply with JEDEC “TSE2002av, Serial Presence Detect with Temperature Sensor”.
Connection of Thermal Sensor
Temperature-to-Digital Conversion Performance
Parameter
Condition
Min
Typ
Max
Unit
Temperature Sensor Accuracy (Grade B)
Active Range,
75°C < TA < 95°C
-
± 0.5
± 1.0
°C
Monitor Range,
40°C < TA < 125°C
-
± 1.0
± 2.0
°C
-20°C < TA < 125°C
-
± 2.0
± 3.0
°C
Resolution
0.25
°C
EVENT
SCL
SDA
SA0
SA1
SA2
EVENT
SCL
SDA
SA0
SA1
SA2
SPD with
Integrated
TS


Similar Part No. - HMT42GR7BMR4A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT42GR7BMR4C-G7 HYNIX-HMT42GR7BMR4C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT42GR7BMR4C-H9 HYNIX-HMT42GR7BMR4C-H9 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT42GR7BMR4A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112R7TFR8A-G7 HYNIX-HMT112R7TFR8A-G7 Datasheet
1Mb / 69P
   240pin DDR3L SDRAM Registered DIMM
HMT112R7BFR8A-G7 HYNIX-HMT112R7BFR8A-G7 Datasheet
1Mb / 69P
   240pin DDR3L SDRAM Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com