Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP564F7FFP8C-S6D3 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMP564F7FFP8C-S6D3
Description  240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP564F7FFP8C-S6D3 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMP564F7FFP8C-S6D3 Datasheet HTML 1Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 2Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 3Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 4Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 5Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 6Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 7Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 8Page - Hynix Semiconductor HMP564F7FFP8C-S6D3 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Rev 1.2 / Feb. 2009
3
1
240pin Fully Buffered DDR2 SDRAM DIMMs
Input/Output Functional Description
Pin Name
type
Polarity
Function Description
Count
SCK
Input
Positive
System clock input
1
SCK
Input
Negative
System clock input
1
PN[13:0]
Output
Positive
Primary Northbound Data
14
PN[13:0]
Output
Negative
Primary Northbound Data
14
PS[9:0]
Input
Positive
Primary Southbound Data
10
PS[9:0]
Input
Negative
Primary Southbound Data
10
SN[13:0]
Output
Positive
Secondary Northbound Data
14
SN[13:0]
Output
Negative
Secondary Northbound Data
14
SS[9:0]
Input
Positive
Secondary Southbound Data
10
SS[9:0]
Input
Negative
Secondary Southbound Data
10
SCL
Input
-
Serial Presence Detect (SPD) Clock Input
1
SDA
Input / Output
-
SPD Data Input / Output
1
SA[2:0]
Input
-
SPD Address inputs, also used to select the DIMM number in the AMB
3
VID[1:0]
Input
-
Voltage ID:
These pins must be unconnected for DDR2-based Fully buffered DIMMs
2
RESET
Input
Active Low
AMB reset signal
1
RFU
--
Reserved for Future Use
16
VCC
Supply
+1.5V
AMB Core Power and AMB channel Interface Power(1.5volt)
8
VDD
Supply
+1.8V
DRAM Power and AMB DRAM I/O Power
24
VTT
Supply
+0.9V
DRAM Address/Command/Clock Termination Power(VDD/2)
4
VDDSPD
Supply
+3.3V
SPD Power
1
VSS
Supply
Ground
80
DNU/
M_Test
- / Analog
- / 0.9V
The DNU/M_Test pin provides an external connection on R/Cs A-D for
testing the margin of Vref which is produced by a voltage divider on the
module. It is not intended to be used in normal system operation and
must not be connected(DNU) in a system. This test pin may have other
features on future card designs and if it does, will be included in this
specification at that time.
1
Total
240


Similar Part No. - HMP564F7FFP8C-S6D3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP564U7FFP8C-S5 HYNIX-HMP564U7FFP8C-S5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564U7FFP8C-S6 HYNIX-HMP564U7FFP8C-S6 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564U7FFP8C-Y5 HYNIX-HMP564U7FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
More results

Similar Description - HMP564F7FFP8C-S6D3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com