Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSHVT2320W104JN Datasheet(PDF) 1 Page - Dubilier

Part # DSHVT2320W104JN
Description  SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSHVT2320W104JN Datasheet(HTML) 1 Page - Dubilier

  DSHVT2320W104JN Datasheet HTML 1Page - Dubilier DSHVT2320W104JN Datasheet HTML 2Page - Dubilier DSHVT2320W104JN Datasheet HTML 3Page - Dubilier DSHVT2320W104JN Datasheet HTML 4Page - Dubilier DSHVT2320W104JN Datasheet HTML 5Page - Dubilier DSHVT2320W104JN Datasheet HTML 6Page - Dubilier DSHVT2320W104JN Datasheet HTML 7Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
ORDERING INFORMATION
TOLERANCES
SPECIFICATION
Available up to 5kV
COG(NPO), X7R and Z5U Dielectrics
Higher voltages possible
For applications including small modular power supplies
Excellent for surface mount placement machines
Dielectric
COG
X7R
Z5U
Capacitance Tolerance
± 0.25pF (C)
± 5% (J)
± 20% (M)
± 0.50pF (D)
± 10% (K) -20+80% (Z)
Cr≥10pF ± 1% (F)
± 20% (M)
± 2% (G)
± 5% (J)
± 10% (K)
DSHV
J
10
C
70
Range
Voltage
J = 500V
M = 1KV
P = 2KV
R = 3KV
T = 4KV
V = 5KV
Size
1206
1210
1812
2220
Dielectric
C = COG (NPO)
R = X7R
W = Z5U
Value
Example
101 = 100pF
102 = 1nF
103 = 10nF
104 = 100nF
J
N
Tolerance
See Above
for code
Plating
N = Nickel
Barrier
COG
X7R
Z5U
Dielectric classification
COG (NPO)
X7R
Z5U
Rated temperature range
-55˚C to +125˚C
-55˚C to +125˚C
-25˚C to +85˚C
Max. capacitance change over temp. range.
No DC voltage supplied
0 ± 30ppm/˚C
±15%
+22-56%
Tangent of loss angle (tan∂)
Cr>50pF≤0.0010
≤0.025
≤0.030
Cr≤50pF=0.0010 (15 +0.7)
Cr
Insulation resistance (Ri)
100GΩ or
100GΩ or
10GΩ or
Time constant (Ri X Cr)
1000s
1000s
100s
(whichever is less)
Dielectric strength
Voltage applied for 5 seconds. Charging current limited to 50mA maximum.
500V
1.5 times
1.5 times
1.5 times
≥1KV
1.5 times
1.25 times
-
Climate category
55/125/56
55/125/56
25/085/56
Ageing characteristics (Typical)
Zero
1% per time decade
6% per time decade


Similar Part No. - DSHVT2320W104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
More results

Similar Description - DSHVT2320W104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com