Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSHVM2923W104JN Datasheet(PDF) 4 Page - Dubilier

Part # DSHVM2923W104JN
Description  SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSHVM2923W104JN Datasheet(HTML) 4 Page - Dubilier

  DSHVM2923W104JN Datasheet HTML 1Page - Dubilier DSHVM2923W104JN Datasheet HTML 2Page - Dubilier DSHVM2923W104JN Datasheet HTML 3Page - Dubilier DSHVM2923W104JN Datasheet HTML 4Page - Dubilier DSHVM2923W104JN Datasheet HTML 5Page - Dubilier DSHVM2923W104JN Datasheet HTML 6Page - Dubilier DSHVM2923W104JN Datasheet HTML 7Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
5
SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
RANGE - 1KV, 2KV
Capacitance
10
110
11
0
COG
COG
COG
X7R
COG
X7R
1KV
1KV
1KV 2KV 1KV 2KV 1KV 2KV 1KV 2KV
1.0pF
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10pF
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1.0nF
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
Capacitance 1812
2220
X7R
X7R
X7R
1KV
1KV 2KV
10
12
15
18
22
27
33
39
47
56


Similar Part No. - DSHVM2923W104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
More results

Similar Description - DSHVM2923W104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com