Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP525P72CP4-C4 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMP525P72CP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP525P72CP4-C4 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMP525P72CP4-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP525P72CP4-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.2 / Sep. 2008
1
240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
This Hynix registered Dual In-Line Memory Module (DIMM) series consists of 512Mb C ver. DDR2 SDRAMs in Fine Ball
Grid Array (FBGA) packages on a 240pin glass-epoxy substrate. This Hynix 512Mb C ver. based Registered DDR2 DIMM
series provide a high performance 8 byte interface in 133.35mm width form factor of industry standard. It is suitable
for easy interchange and addition.
ORDERING INFORMATION
Note:
1. “P” of part number[8th digit] stands for Parity Registered DIMM.
2. “P” of part number[12th digit] stands for Lead free products.
SPEED GRADE & KEY PARAMETERS
Part Name
Density
Org.
Component Configuration
Ranks
Parity
Support
HYMP564R72CP8-E3/C4
512MB
64Mx72
64Mx8(HY5PS12821CFP)*9
1
X
HYMP564P72CP8-E3/C4/Y5/S5
512MB
64Mx72
64Mx8(HY5PS12821CFP)*9
1
O
HYMP512R72CP8-E3/C4
1GB
128Mx72
64Mx8(HY5PS12821CFP)*18
2
X
HYMP512P72CP8-E3/C4/Y5/S5
1GB
128Mx72
64Mx8(HY5PS12821CFP)*18
2
O
HYMP512R72CP4-E3/C4
1GB
128Mx72
128Mx4(HY5PS12421CFP)*18
1
X
HYMP512P72CP4-E3/C4/Y5/S5
1GB
128Mx72
128Mx4(HY5PS12421CFP)*18
1
O
HYMP525R72CP4-E3/C4
2GB
256Mx72
128Mx4(HY5PS12421CFP)*36
2
X
HYMP525P72CP4-E3/C4/Y5/S5
2GB
256Mx72
128Mx4(HY5PS12421CFP)*36
2
O
E3 (DDR2-400)
C4 (DDR2-533)
Y5 (DDR2-667)
S5 (DDR2-800)
Unit
Speed@CL3
400
400
400
400
Mbps
Speed@CL4
400
533
533
533
Mbps
Speed@CL5
-
-
667
800
Mbps
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
5-5-5
tCK


Similar Part No. - HYMP525P72CP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP525P72CP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com