Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP525P72CP4-S5 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP525P72CP4-S5
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP525P72CP4-S5 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP525P72CP4-S5 Datasheet HTML 1Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 2Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 3Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 4Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 5Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 6Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP525P72CP4-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Rev. 0.2 / Sep. 2008
4
1
240pin Registered DDR2 SDRAM DIMMs
PIN DESCRIPTION
PIN LOCATION
Pin
Pin Description
Pin
Pin Description
CK0
Clock Input, positive line
ODT[1:0]
On Die Termination Inputs
CK0
Clock input, negative line
VDDQ
DQs Power Supply
CKE0~CKE1 Clock Enable Input
DQ0~DQ63 Data Input/Output
RAS
Row Address Strobe
CB0~CB7
Data check bits Input/Output
CAS
Column Address Strobe
DQS(0~8)
Data strobes
WE
Write Enable
DQS(0~8)
Data strobes, negative line
S0,S1
Chip Select Input
DM(0~8),
DQS(9~17)
Data Maskes/Data strobes
A0~A9,
A11~A13
Address input
DQS(9~17) Data strobes, negative line
A10/AP
Address input/Autoprecharge
RFU
Reserved for Future Use
BA0,BA1
SDRAM Bank Address
NC
No Connect
SCL
Serial Presence Detect (SPD) Clock Input
TEST
Memory bus test tool
(Not Connected and Not Usable on DIMMs)
SDA
SPD Data Input/Output
VDD
Core Power
SA0~SA2
E2PROM Address Inputs
VDDQ
I/O Power
Par_In
Parity bit for the Address and Control bus
VSS
Ground
Err_Out
Parity error found on the Address
VREF
Input/Output Reference
RESET
Reset Enable
VDDSPD
SPD Power
CB0~CB7
Data Check bit Inputs/Outputs
1 pin
Front Side
64 pin 65 pin
120 pin
121 pin
Back Side
184 pin 185 pin
240 pin


Similar Part No. - HYMP525P72CP4-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP525P72CP4-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com