Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5LS10206ASZWTTQ1R Datasheet(PDF) 4 Page - Texas Instruments

Part # X5LS10206ASZWTTQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

X5LS10206ASZWTTQ1R Datasheet(HTML) 4 Page - Texas Instruments

  X5LS10206ASZWTTQ1R Datasheet HTML 1Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 2Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 3Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 4Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 5Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 6Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 7Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 8Page - Texas Instruments X5LS10206ASZWTTQ1R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141 – MARCH 2010
www.ti.com
The External Memory Interface (EMIF) provides a memory extension to asynchronous memories or other
slave devices.
Several interfaces are implemented to enhance the debugging capabilities of application code. In addition
to the built in ARM Cortex™-R4F CoreSight™ debug features, an External Trace Macrocell (ETM)
provides instruction and data trace of program execution. For instrumentation purposes, a RAM Trace Port
Module (RTP) is implemented to support high-speed output of RAM accesses by the CPU or any other
master. A Direct Memory Module (DMM) gives the ability to write external data into the device memory.
Both the RTP and DMM have no or only minimum impact on the program execution time of the application
code. A Parameter Overlay Module (POM) can re-route Flash accesses to the EMIF, thus avoiding the
re-programming steps necessary for parameter updates in Flash.
4
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Description - X5LS10206ASZWTTQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com