Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-3952-J2S Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-3952-J2S
Description  PCI-1240U/PCM-3240 Wiring Terminals for DIN-rail Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3952-J2S Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3952-J2S Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
PCI-1240U/PCM-3240
Wiring Terminals for
DIN-rail Mounting
ADAM-3952 Series
ADAM-3952/J2S
PCI-1240U/PCM-3240 Wiring Terminal for Mitsubishi MR-J2S
Features
DIN-rail mounting wiring terminal for PCI-1240U/PCM-3240 connecting with
Mitsubishi MR-J2S servo motor driver
Case dimensions (W x L x H): 121 x 202 x 45 mm (4.76" x 7.95" x 1.77")
One SCSI-100-pin connector to connect with PCI-1240U/PCM-3240
Eight SCSI 20-pin connector to connect with Mitsubishi motor driver
Optional cable PCL-101100M-1, PCL-101100M-3 and PCL-10120M-2
ADAM-3952
PCI-1240U/PCM-3240 50-Pin SCSI-II and IDC Wiring Terminal for
DIN-rail Mounting
Features
DIN-rail mounting wiring terminal for PCI-1240U/PCM-3240 applications
Case dimensions (W x L x H): 77.5 x 179.5 x 41.5 mm (3.1" x 7.1" x 1.6")
50-pin SCSI and IDC connectors
To be used with PCI-1240U and PCM-3240
NEW
ADAM-3952/PMA
PCI-1240U/PCM-3240 Wiring Terminal for Panasonic Minas A
Features
DIN-rail mounting wiring terminal for PCI-1240U/PCM-3240 connecting with
Panasonic Minas A servo motor driver
Case dimensions (W x L x H): 121 x 202 x 45 mm (4.76" x 7.95" x 1.77")
One SCSI-100-pin connector to connect with PCI-1240U/PCM-3240
Four SCSI 50-pin connector to connect with Panasonic motor driver
Optional cable PCL-101100M-1, PCL-101100M-3 and PCL-10150M-2
NEW


Similar Part No. - ADAM-3952-J2S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3952-AE ADVANTECH-ADAM-3952-AE Datasheet
296Kb / 1P
   4-Axis PC-Based Motion Controller with 32-Channel Digital I/O
27-Jun-2018
ADAM-3952-AE ADVANTECH-ADAM-3952-AE Datasheet
253Kb / 1P
   4-Axis Stepping and Servo Motor Control Universal PCI Card
9-Dec-2019
ADAM-3952-AE ADVANTECH-ADAM-3952-AE Datasheet
293Kb / 1P
   Value DSP-Based 4/8-Axis Stepping and Servo Motor Control Universal PCI Card
9-Dec-2019
ADAM-3952-AE ADVANTECH-ADAM-3952-AE Datasheet
282Kb / 1P
   DSP-Based 4/6/8-Axis Stepping and Servo Motor Control Universal PCI Card
9-Dec-2019
More results

Similar Description - ADAM-3952-J2S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3950D ADVANTECH-ADAM-3950D Datasheet
66Kb / 1P
   Wiring Terminals for DIN-rail Mounting
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
75Kb / 1P
   Wiring Terminals for DIN-rail Mounting
logo
AAEON Technology
PCM-10689-1 AAEON-PCM-10689-1 Datasheet
205Kb / 1P
   Wiring kit for PCM-6896
TF-PER-0102 AAEON-TF-PER-0102 Datasheet
567Kb / 1P
   Wiring Kits for PCM-8200
TF-PER-A008 AAEON-TF-PER-A008 Datasheet
241Kb / 1P
   Wiring Kit for PCM-9150
TF-PER-A031 AAEON-TF-PER-A031 Datasheet
114Kb / 1P
   Wiring Kit for PCM-8120
TF-PER-K001 AAEON-TF-PER-K001 Datasheet
104Kb / 1P
   Wiring Kit for PCM-9452
TF-PER-0103 AAEON-TF-PER-0103 Datasheet
114Kb / 1P
   Wiring Kit for PCM-8150
TF-PER-0101 AAEON-TF-PER-0101 Datasheet
241Kb / 1P
   Wiring Kit for PCM-8500
PCM-10489-7 AAEON-PCM-10489-7 Datasheet
73Kb / 1P
   Wiring kit for PCM-6894
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com