Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TQ2G43BFR Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5TQ2G43BFR
Description  2Gb DDR3 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G43BFR Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5TQ2G43BFR Datasheet HTML 1Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 2Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Rev. 0.2 / Feb. 2010
3
Description
The H5TQ2G43BFR-xxC, H5TQ2G83BFR-xxC and H5TQ2G63BFR-xxC are a 2,147,483,648-bit CMOS Double
Data Rate III (DDR3) Synchronous DRAM, ideally suited for the main memory applications which requires
large memory density and high bandwidth. Hynix 2Gb DDR3 SDRAMs offer fully synchronous operations
referenced to both rising and falling edges of the clock. While all addresses and control inputs are latched
on the rising edges of the CK (falling edges of the CK), Data, Data strobes and Write data masks inputs are
sampled on both rising and falling edges of it. The data paths are internally pipelined and 8-bit prefetched
to achieve very high bandwidth.
Device Features and Ordering Information
FEATURES
* This product in compliance with the RoHS directive.
• VDD=VDDQ=1.5V +/- 0.075V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 6, 7, 8, 9, 10 and (11)
supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• AverageRefreshCycle (Tcaseof0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
• Auto Self Refresh supported
• JEDEC standard 82ball FBGA(x4/x8), 96ball FBGA
(x16)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch


Similar Part No. - H5TQ2G43BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-H9C HYNIX-H5TQ2G43CFR-H9C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
More results

Similar Description - H5TQ2G43BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com