Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBMB50E6 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PBMB50E6
Description  IGBT Module-H Bridge 50A, 600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PBMB50E6 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PBMB50E6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QS043-402-(3/5)
00
日本インター株式会社
PBMB50E6
01
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
Collector to Emitter Voltage VCE (V)
Fig.1- Output Characteristics (Typical)
TC=25°C
11V
10V
VGE=20V
9V
8V
12V
15V
01
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
Collector to Emitter Voltage VCE (V)
Fig.2- Output Characteristics (Typical)
TC=125°C
11V
10V
VGE=20V
9V
8V
12V
15V
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=25°C
IC=25A
100A
50A
0
4
8
121620
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.4- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
IC=25A
100A
TC=125°C
50A
0
50
100
150
200
0
50
100
150
200
250
300
350
400
Total Gate Charge Qg (nC)
Fig.5- Gate Charge vs. Collector to Emitter Voltage (Typical)
0
2
4
6
8
10
12
14
16
VCE=300V
200V
100V
RL=6.0
TC=25°C
0.1
0.2
0.5
1
2
5
10
20
50
100
200
30
100
300
1000
3000
10000
Collector to Emitter Voltage VCE (V)
Fig.6- Capacitance vs. Collector to Emitter Voltage (Typical)
Cies
Coes
Cres
VGE=0V
f=1MHZ
TC=25°C


Similar Part No. - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PBMB50E6 NI-PBMB50E6_15 Datasheet
265Kb / 4P
   竊뺧폁 竊∽펽竊뽳폁竊먲섬
More results

Similar Description - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
   IGBT MODULE H-Bridge 50A 1200V
PBMB50B12 NIEC-PBMB50B12 Datasheet
116Kb / 3P
   IGBT MODULE H-Bridge 50A 1200V
PBMB75E6 NIEC-PBMB75E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 75A, 600V
PBMB150E6 NIEC-PBMB150E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 150A, 600V
PBMB150A6 NIEC-PBMB150A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 150A 600V
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
   IGBT MODULE H-Bridge 200A 600V
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
   IGBT MODULE H-Bridge 75A 600V
PBMB100A6 NIEC-PBMB100A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 100A 600V
PBMB300A6 NIEC-PBMB300A6 Datasheet
113Kb / 3P
   IGBT MODULE H-Bridge 300A 600V
PBMB100E6 NIEC-PBMB100E6 Datasheet
265Kb / 4P
   IGBT Module-H Bridge 100A, 600V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com