Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TQ2G43AFR Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # H5TQ2G43AFR
Description  2Gb DDR3 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G43AFR Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button H5TQ2G43AFR Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 9Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 10Page - Hynix Semiconductor H5TQ2G43AFR Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Rev. 1.0 / Dec. 2009
7
Pin Functional Description
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and negative edge of CK.
CKE, (CKE0),
(CKE1)
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE Low provides Precharge Power-Down
and Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any
bank).
CKE is asynchronous for Self-Refresh exit. After VREFCA and VREFDQ have become stable
during the power on and initialization sequence, they must be maintained during all
operations (including Self-Refresh). CKE must be maintained high throughout read and
write accesses. Input buffers, excluding CK, CK, ODT and CKE, are disabled during power-
down. Input buffers, excluding CKE, are disabled during Self-Refresh.
CS, (CS0),
(CS1), (CS2),
(CS3)
Input
Chip Select: All commands are masked when CS is registered HIGH.
CS provides for external Rank selection on systems with multiple Ranks.
CS is considered part of the command code.
ODT, (ODT0),
(ODT1)
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the
DDR3 SDRAM. When enabled, ODT is only applied to each DQ, DQS, DQS and DM/TDQS,
NU/TDQS (When TDQS is enabled via Mode Register A11=1 in MR1) signal for x4/x8
configurations. For x16 configuration, ODT is applied to each DQ, DQSU, DQSU, DQSL,
DQSL, DMU, and DML signal. The ODT pin will be ignored if MR1 is programmed to disable
ODT.
RAS.
CAS. WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM, (DMU),
(DML)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when
DM is sampled HIGH coincident with that input data during a Write access. DM is sampled
on both edges of DQS. For x8 device, the function of DM or TDQS/TDQS is enabled by
Mode Register A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0 - BA2 define to which bank an Active, Read, Write or Precharge
command is being applied. Bank address also determines if the mode register or extended
mode register is to be accessed during a MRS cycle.
A0 - A15
Input
Address Inputs: Provide the row address for Active commands and the column address for
Read/Write commands to select one location out of the memory array in the respective
bank. (A10/AP and A12/BC have additional functions, see below).
The address inputs also provide the op-code during Mode Register Set commands.
A10 / AP
Input
Auto-precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation.
(HIGH: Autoprecharge; LOW: no Autoprecharge).A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH). If only one bank is to be precharged, the bank is selected by bank
addresses.
A12 / BC
Input
Burst Chop: A12 / BC is sampled during Read and Write commands to determine if burst
chop (on-the-fly) will be performed.
(HIGH, no burst chop; LOW: burst chopped). See command truth table for details.


Similar Part No. - H5TQ2G43AFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-H9C HYNIX-H5TQ2G43CFR-H9C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
More results

Similar Description - H5TQ2G43AFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com