Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-4118 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4118
Description  Robust 8-ch Thermocouple Input Module with Modbus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4118 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4118 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
Power Consumption 0.5W @ 24 VDC
Analog Input
Channels
8 differential and
independent configuration
channels
Input Impedance
Voltage: 20 M
Current: 120
Input Type
T/C, mV, V, mA
Input Range
Thermocouple
J
0 ~ 760° C
K
0 ~ 1370° C
T -100 ~ 400° C
E
0 ~ 1,000° C
R 500 ~ 1,750° C
S 500 ~ 1,750° C
B 500 ~ 180° C
Voltage mode
±15 mV, ±50 mV,
±100 mV, ±500 mV,
±1 V, ±2.5 V
Current mode
±20 mA, 4 ~ 20 mA
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
Resolution
16-bit
Sampling Rate
10/100 samples/sec
(selected by Utility)
CMR @ 50/60 Hz
92 dB
NMR @ 50/60 Hz
60 dB
Overvoltage Protection
±60 VDC
High Common Mode 200 VDC
Span Drift
±25 ppm/° C
Zero Drift
±6μV/° C
Built-in TVS/ESD Protection
Burn-out Detection
ADAM-4118
ADAM-4118
ADAM-4150
ADAM-4168
Robust 8-ch Thermocouple Input Module with
Modbus
Robust 15-ch Digital I/O Module with Modbus
Robust 8-ch Relay Output Module with Modbus
ADAM-4150
ADAM-4168
Specifications
General
Power Consumption 0.7 W @ 24 VDC
Digital Input
Channels
7
Input Level
Dry contact:
Logic level 0: Close to
GND
Logic level 1: Open
Wet contact:
Logic level 0: +3 V max
Logic level 1: +10 V to
+30 V
(Note: The Digital Input Level 0 and 1 status can be
inverted)
Supports 3 kHz Counter Input (32-bit + 1-bit
overflow)
Supports 3 kHz Frequency Input
Supports Invert DI Status
Over Voltage
40 VDC
Digital Output
Channels
8, open collector to 40 V
(1 A max. load)
Power Dissipation
1W load max
RON Maximum
150 m
Supports 1 kHz Pulse Output
Supports High-to-Low Delay Output
Supports Low-to-High Delay Output
Specifications
General
Power Consumption 1.8 W @ 24 VDC
Relay Output
Output Channels
8 Form A
Contact Rating
AC:
0.5 A @ 120 V
(Resistive)
0.25 A @ 240 V
DC:
1 A @ 30 V
0.3 A @ 110 V
Breakdown Voltage 750 VAC (50/60 Hz)
Initial Insulation
1 G
Ω min. @ 500 VDC
Resistance
Relay Response
On: 3ms
Time (Typical)
Off: 1ms
Total Switching Time 10 ms
Supports 100 Hz pulse output
Maximum Operating 50 operations/min
Speed
(at related load)
Common Specifications
Power Input
Unregulated 10 ~ 48 VDC
Watchdog Timer
System (1.6 second) &
Communication
Connector
2 x plug-in terminal
blocks (#14 ~ 22 AWG)
Isolation Voltage
3,000 VDC
Supported Protocols
ASCII Command and
Modbus/RTU
Environment
Humidity
5 ~ 95% RH
Operating Temperature -40 ~ 85° C
(-40 ~ 185° F)
Storage Temperature
-40 ~ 85° C
(-40 ~ 185° F)
Ordering Information
ADAM-4118
Robust 8-ch
Thermocouple Input
Module w/ Modbus
ADAM-4150
Robust 15-ch Digital I/O
Module with Modbus
ADAM-4168
Robust 18-ch Relay
Output Module with
Modbus
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-4118

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
More results

Similar Description - ADAM-4118

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4117 ADVANTECH-ADAM-4117_15 Datasheet
307Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4017++ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
   8-ch Analog Input Module with Modbus
USB-4718 ADVANTECH-USB-4718 Datasheet
527Kb / 1P
   8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
USB-4718-AE ADVANTECH-USB-4718-AE Datasheet
156Kb / 1P
   8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
ADAM-4011 ADVANTECH-ADAM-4011_15 Datasheet
232Kb / 1P
   1-ch Thermocouple Input Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com