Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD116G725BL8-M Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMD116G725BL8-M
Description  Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD116G725BL8-M Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMD116G725BL8-M Datasheet HTML 1Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 2Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 3Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 4Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 5Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 6Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 7Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 8Page - Hynix Semiconductor HYMD116G725BL8-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HYMD116G725B(L)8-M/K/H/L
Rev. 0.3/May. 02
5
AC OPERATING TEST CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS=0V)
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.31
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.31
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)50
Series Resistor (RS)25
Output Load Capacitance for Access Time Measurement (CL)30
pF


Similar Part No. - HYMD116G725BL8-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD116645B8-H HYNIX-HYMD116645B8-H Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-K HYNIX-HYMD116645B8-K Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-L HYNIX-HYMD116645B8-L Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8-M HYNIX-HYMD116645B8-M Datasheet
251Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD116645B8J-J HYNIX-HYMD116645B8J-J Datasheet
233Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD116G725BL8-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com