Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS1G831CLFP Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY5PS1G831CLFP
Description  1Gb DDR2 SDRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS1G831CLFP Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY5PS1G831CLFP Datasheet HTML 2Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 3Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 4Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 5Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 6Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 7Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 8Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 9Page - Hynix Semiconductor HY5PS1G831CLFP Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Rev. 0.7 / Nov. 2008
6
HY5PS1G4(8,16)31C(L)FP
HY5PS1G4(8,16)31CFR
1.2 Pin Configuration & Address Table
256Mx4 DDR2 Pin Configuration(Top view: see balls through package)
ROW AND COLUMN ADDRESS TABLE
ITEMS
256Mx4
# of Bank
8
Bank Address
BA0,BA1,BA2
Auto Precharge Flag
A10/AP
Row Address
A0 - A13
Column Address
A0-A9, A11
Page size
1 KB
VSS
DM
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
NC
NC
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
VDD
NC
VDDQ
NC
VDDL
BA2
VSS
VDD
A
B
C
D
E
F
G
H
J
K
VSSQ
DQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
DQS
VSSQ
DQ0
VSSQ
CK
CK
CS
A0
A4
A8
A13
VDDQ
NC
VDDQ
NC
VDD
ODT
VDD
VSS
L
3
2
1
78
9


Similar Part No. - HY5PS1G831CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS1G831CLFP HYNIX-HY5PS1G831CLFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CLFP-C4 HYNIX-HY5PS1G831CLFP-C4 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CLFP-E3 HYNIX-HY5PS1G831CLFP-E3 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CLFP-S5 HYNIX-HY5PS1G831CLFP-S5 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831CLFP-Y5 HYNIX-HY5PS1G831CLFP-Y5 Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
More results

Similar Description - HY5PS1G831CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com