Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGH10016AM Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PGH10016AM
Description  3-phase diode bridge plus thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PGH10016AM Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PGH10016AM Datasheet HTML 1Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 2Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 3Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 4Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 5Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 6Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 7Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 8Page - Nihon Inter Electronics Corporation PGH10016AM Datasheet HTML 9Page - Nihon Inter Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
follows.
For AC200V line : VDRM and VRRM : 800V
For AC400V line : VDRM and VRRM : 1,600V
Between AC line and bridge rectifier, use appro-
priate AC line filter. It reduces the noise entering
into the equipment not so as to cause any unde-
sired behaviors. Furthermore, it suppresses con-
ducted emission from the equipment. As are ex-
pected, external stresses on diode and thyristor,
such as surge voltage and current, can be de-
creased by such filter.
●Thyristor
1, What’s thyristor
Thyristor is considered as a diode and a switch
connected in serial.
Same as bipolar transistor, thyristor is driven by
current. With respect to bipolar transistor, when
base current is applied, collector current of hFE
times base current flows. In contrast, thyristor is
switched on by gate current that is higher than a
specific value (gate trigger current). The follow-
ing figure illustrates these relationships. You will
see that collector current of bipolar transistor
flows during the whole period when base current
flows, but thyristor keeps anode current flowing
even after the gate current is cut off. So, you need
not supply thyristor with continuous gate current
TDK 3-phase line filter and internal diagram
Thyristor (SCR)
i
v
E
Anode
Cathode
Gate
iG
vT
i
E
iG
Bipolar transistor (NPN)
Collector
Emitter
iC
vCE
E
Base
iB
vCE(sat)
iC
E
iB
hFE×iB
Anode
Cathode
Gate
Thyristor


Similar Part No. - PGH10016AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 100A / 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
logo
National Instruments Co...
PGH10016AM NI-PGH10016AM_15 Datasheet
239Kb / 3P
   THYRISTOR
More results

Similar Description - PGH10016AM

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK30DTA SEMIKRON-SK30DTA_08 Datasheet
975Kb / 3P
   3-phase bridge rectifier series thyristor
SK60DTA SEMIKRON-SK60DTA Datasheet
428Kb / 3P
   3-phase bridge rectifier series thyristor
SK30DTA SEMIKRON-SK30DTA Datasheet
824Kb / 3P
   3-phase bridge rectifier series thyristor
SK80DTA SEMIKRON-SK80DTA Datasheet
416Kb / 3P
   3-phase bridge rectifier series thyristor
SK60DTA SEMIKRON-SK60DTA_06 Datasheet
548Kb / 3P
   3-phase bridge rectifier series thyristor
SK80DTA SEMIKRON-SK80DTA_06 Datasheet
537Kb / 3P
   3-phase bridge rectifier series thyristor
logo
Shindengen Electric Mfg...
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
   3 Phase Bridge Diode
logo
SanRex Corporation
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
   3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
   3 Phase Bridge Diode
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
   3 Phase Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com