Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD212G726ALS4-L Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HYMD212G726ALS4-L
Description  Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726ALS4-L Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HYMD212G726ALS4-L Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 9Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 10Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 11Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 12Page - Hynix Semiconductor HYMD212G726ALS4-L Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HYMD212G726A(L)S4-M/K/H/L
Rev. 0.2/May. 02
9
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
DDR266(2-2-2)
DDR266A
DDR266B
DDR200
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
60
-
65
-
65
-
70
-
ns
Auto Refresh Row Cycle Time
tRFC
75
-
75
-
75
-
80
-
ns
Row Active Time
tRAS
45
120K
45
120K
45
120K
50
120K
ns
Active to Read with Auto
Precharge Delay
tRAP
15
-
20
-
20
-
20
-
ns
16
Row Address to Column Address
Delay
tRCD
15
-
20
-
20
-
20
-
ns
Row Active to Row Active Delay
tRRD
15
-
15
-
15
-
15
-
ns
Column Address to Column
Address Delay
tCCD
1-
1
-
1
-
1
-
CK
Row Precharge Time
tRP
15
-
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
15
-
ns
Write to Read Command Delay
tWTR
1-
1
-
1
-
1
-
CK
Auto Precharge Write Recovery +
Precharge Time
tDAL
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-CK
15
System Clock
Cycle Time
CL = 2.5
tCK
7.5
12
7.5
12
7.5
12
8.0
12
ns
CL = 2
7.5
12
7.5
12
10
121012
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Data-Out edge to Clock edge
Skew
tAC
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Clock edge
Skew
tDQSCK
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Data-Out edge
Skew
tDQSQ
-
0.5
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time from DQS
tQH
tHP
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-ns
1, 10
Clock Half Period
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-ns
1,9
Data Hold Skew Factor
tQHS
-
0.75
-
0.75
-
0.75
-
0.75
ns
10
Valid Data Output Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
Data-out high-impedance
window from CK, /CK
tHZ
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17
Data-out low-impedance window
from CK, /CK
tLZ
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17


Similar Part No. - HYMD212G726ALS4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4M-H HYNIX-HYMD212G726ALS4M-H Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-K HYNIX-HYMD212G726ALS4M-K Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-L HYNIX-HYMD212G726ALS4M-L Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-M HYNIX-HYMD212G726ALS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD212G726ALS4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com