Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232G726L8-L Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMD232G726L8-L
Description  Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232G726L8-L Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMD232G726L8-L Datasheet HTML 3Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 4Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 5Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 6Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 7Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 8Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 9Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 10Page - Hynix Semiconductor HYMD232G726L8-L Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HYMD232G726(L)8-K/H/L
Rev. 0.6/Oct. 02
7
DC CHARACTERISTICS I (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note :
1. VIN = 0 to 3.6V, All other pins are not tested under VIN =0V
2. DOUT is disabled, VOUT=0 to 2.7V
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage
Current
Add, CMD, /CS, /CKE
ILI
-2
2
uA
1
CK, /CK
-4
4
Output Leakage Current
ILO
-5
5
uA
2
Output High Voltage
VOH
VTT + 0.76
-
V
IOH = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA


Similar Part No. - HYMD232G726L8-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726L8M-H HYNIX-HYMD232G726L8M-H Datasheet
240Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD232G726L8M-K HYNIX-HYMD232G726L8M-K Datasheet
240Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD232G726L8M-L HYNIX-HYMD232G726L8M-L Datasheet
240Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD232G726L8-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com