Electronic Components Datasheet Search |
|
HYMD232G726AL8-M Datasheet(PDF) 8 Page - Hynix Semiconductor |
|
HYMD232G726AL8-M Datasheet(HTML) 8 Page - Hynix Semiconductor |
8 / 16 page HYMD232G726A(L)8-M/K/H/L Rev. 0.2/May. 02 8 DC CHARACTERISTICS II (TA=0 to 70 oC, Voltage referenced to VSS = 0V) Parameter Symbol Test Condition Speed Unit Note -M -K -H -L Operating Current IDD0 One bank; Active - Precharge; tRC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle 1595 1505 1505 1460 mA Operating Current IDD1 One bank; Active - Read - Precharge; Burst Length =2; tRC=tRC(min); tCK=tCK(min); address and control inputs changing once per clock cycle 2000 1820 1820 1730 mA Precharge Power Down Standby Current IDD2P All banks idle; Power down mode; CKE=Low, tCK=tCK(min) 830 mA Idle Standby Current IDD2F /CS=High, All banks idle; tCK=tCK(min); CKE=High ; address and control inputs changing once per clock cycle. VIN=VREF for DQ, DQS and DM 1100 1010 1010 965 mA Active Power Down Standby Current IDD3P One bank active; Power down mode; CKE=Low, tCK=tCK(min) 875 mA Active Standby Current IDD3N /CS=HIGH; CKE=HIGH; One bank; Active- Precharge; tRC=tRAS(max); tCK=tCK(min); DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock cycle 1190 1100 1100 1100 mA Operating Current IDD4R Burst=2; Reads; Continuous burst; One bank active; Address and control inputs changing once per clock cycle; tCK=tCK(min); IOUT=0mA 3260 2900 2900 2360 mA Operating Current IDD4W Burst=2; Writes; Continuous burst; One bank active; Address and control inputs changing once per clock cycle; tCK=tCK(min); DQ, DM, and DQS inputs changing twice per clock cycle 3260 2900 2900 2360 Auto Refresh Current IDD5 tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK for DDR266A & DDR266B at 133Mhz; distributed refresh 2420 2240 2240 2105 Self Refresh Current IDD6 CKE=<0.2V; External clock on; tCK =tCK(min) Normal 377 mA Low Power 363.5 mA Operating Current - Four Bank Operation IDD7 Four bank interleaving with BL=4 Refer to the following page for detailed test condition 3485 3395 3395 3170 mA |
Similar Part No. - HYMD232G726AL8-M |
|
Similar Description - HYMD232G726AL8-M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |