Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-5550CE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5550CE
Description  8-slot PC-based Controller with GX2 CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5550CE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5550CE Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-5550CE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC-based Controllers & I/O Modules
Features
ADAM-5550CE
Support VGA port for local display of HMI software
Can be operated with or without display/keyboard/mouse
Remote monitoring through Web Server
Remote maintenance via FTP Server
Supports Modbus/RTU Master and Modbus/TCP (Server/Client) Protocol
Support .NET class library in Windows CE
Supports SD Storage I/O Module
Supports AMONet Master Module
Supports Motion Control Modules
Remote I/O expansibility
Rich support to ADAM-5000 I/O Modules
8-slot PC-based Controller
with GX2 CPU
Introduction
ADAM-5550CE is a PC-based Controller designed for control tasks which require Industrial PC computing performance with a PLC form factor and I/O module design. ADAM-5550CE
offers an AMD Geode GX533 CPU along with control specific features such as watchdog timer, battery backup RAM. ADAM-5550CE features .NET class library which supports Microsoft
Visual Studio .NET programming languages under WinCE 5.0, so users can develop control application and HMI software with their own familiar programming environment. With the
built-in VGA port, no longer will users be required to build up additional SCADA PC’s in their applications. This compact and powerful PC-based controller has been widely applied
in variety of industrial automation applications especially ranging from machine automation to SCADA applications.
Specifications
Control System
CPU
AMD Geode GX533 (GX2)
I/O Capacity
8 slots
LED Indicators
Power, User define
Memory
128 MB DDR SDRAM with 1 MB Battery Backup
1 x CompactFlash® Card (Internal)
Operating System
Windows® CE 5.0
Real-time Clock
Yes
Watchdog Timer
Yes
Communications
Comm. Protocol
Modbus/RTU and Modbus/TCP
Medium
2 x 10/100 Base-T Ethernet Interface with RJ-45
connectors
Protection
Communication
2,500 VDC (COM2 RS-485)/1,000 VDC (COM4 RS-485)
Power Reversal
Yes
Protection
Power
Power Consumption
12 W @ 24 Vdc (not including I/O modules)
Power Input
Unregulated +10 to +30 VDC
General
Certificate
CE
Connectors
1 x RS-232/485 (COM1)
1 x RS-485 (COM2)
1 x RS-232 (COM3)
1 x RS-232/485 (COM4)
2 x USB 1.1 ports (KB/Mouse via USB Ports)
1 x VGA (1024 X 768 Resolution)
Dimensions
355 x 110 x 75 mm
Enclosure
ABS+PC
Plug-in Screw Terminal Accepts 0.5 mm2 to 2.5 mm2, 1 - #12 or 2 - #14 to #22
AWG
Environment
Humidity
5% to 95%, non-condensing
Operating Temperature 0 ~ 55° C (32 ~ 131° F)
Storage Temperature
- 25 ~ 85° C (-13 ~ 185° F)
Ordering Information
ADAM-5550CE
8-slot PC-based Controller with GX2 CPU
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-5550CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
91Kb / 1P
   3-channel RTD Input Module
January 2005
ADAM-5510-TCP ADVANTECH-ADAM-5510-TCP Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
ADAM-5510/TCP ADVANTECH-ADAM-5510/TCP Datasheet
177Kb / 1P
   4/8 slots PC-based Controller
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
More results

Similar Description - ADAM-5550CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
ADAM-5560CE ADVANTECH-ADAM-5560CE_15 Datasheet
184Kb / 1P
   7-slot PC-based Controller with Intel짰 Atom??CPU
APAX-5571XPE ADVANTECH-APAX-5571XPE Datasheet
668Kb / 2P
   PC-based Controller with Celeron짰 M CPU
APAX-5570XPE ADVANTECH-APAX-5570XPE Datasheet
670Kb / 2P
   PC-based Controller with Celeron M CPU
ADAM-5510 ADVANTECH-ADAM-5510 Datasheet
611Kb / 2P
   4-slot PC-based Controller with Ethernet
ADAM-5560CDS ADVANTECH-ADAM-5560CDS_15 Datasheet
759Kb / 2P
   7-slot PC-based Intel짰 Atom??CPU soft logic Controller with integrated target visualization
ADAM-5510E ADVANTECH-ADAM-5510E Datasheet
611Kb / 2P
   4-slot PC-based Controller with RS-485
ADAM-5510SERIES ADVANTECH-ADAM-5510SERIES_15 Datasheet
177Kb / 1P
   4/8 slots PC-based Controller
ADAM-5560CDS ADVANTECH-ADAM-5560CDS Datasheet
400Kb / 2P
   7-slot PC-based Intel® Atom™ CPU soft logic Controller with integrated target visualization
28-Mar-2016
logo
List of Unclassifed Man...
CP321 ETC2-CP321 Datasheet
835Kb / 144P
   Power PC-based CPU Board for CompactPCI Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com