Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD264G726A4-L Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD264G726A4-L
Description  Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726A4-L Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD264G726A4-L Datasheet HTML 1Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 2Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 3Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726A4-L Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HYMD264G726A(L)4-M/K/H/L
Rev. 0.2/May. 02
3
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
D0
/CS
DQS
DQS0
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ0
DQ1
DQ2
DQ3
D1
/CS
DQS
DQS1
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ8
DQ9
DQ10
DQ11
D2
/CS
DQS
DQS2
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ16
DQ17
DQ18
DQ19
D3
/CS
DQS
DQS3
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ24
DQ25
DQ26
DQ27
D4
/CS
DQS
DQS4
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ32
DQ33
DQ34
DQ35
D5
/CS
DQS
DQS5
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ40
DQ41
DQ42
DQ43
D6
/CS
DQS
DQS6
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ48
DQ49
DQ50
DQ51
D7
/CS
DQS
DQS7
I/O 0
I/O 1
I/O 2
I/O 3
DM
CB0
CB1
CB2
CB3
D8
/CS
DQS
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ4
DQ5
DQ6
DQ7
D9
/CS
DQS
DQS9
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ12
DQ13
DQ14
DQ15
D10
/CS
DQS
DQS10
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ20
DQ21
DQ22
DQ23
D11
/CS
DQS
DQS11
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ28
DQ29
DQ30
DQ31
D12
/CS
DQS
DQS12
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ36
DQ37
DQ38
DQ39
D13
/CS
DQS
DQS13
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ44
DQ45
DQ46
DQ47
D14
/CS
DQS
DQS14
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ52
DQ53
DQ54
DQ55
D15
/CS
DQS
DQS15
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ60
DQ61
DQ62
DQ63
D16
/CS
DQS
DQS16
I/O 0
I/O 1
I/O 2
I/O 3
DM
CB4
CB5
CB6
CB7
D17
/CS
DQS
DQS17
I/O 0
I/O 1
I/O 2
I/O 3
DM
SCL
Serial PD
A0
A1
A2
SA0
SA1
SA2
WP
SDA
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. DQ/DQS/DM/CKE/CS relationships must be
maintained as shown.
3. DQ/DQS resistors should be 18 Ohms.
4. VDDID strap connections(for memory device VDD, VDDQ);
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD=VDDQ
5. Address and control resistors should be 22 Ohms
/RCS0 -->/CS0 : SDRAMs D0-D17
RBA0-RBA1--> : BA0-BA1:SDRAMs D0-D17
RA0 -RA12 -->A0 - A12 : SDRAMs D0 - D17
/RRAS --> /RAS : SDRAMs D0 - D17
/RCAS --> /CAS : SDRAMs D0 - D17
RCKE0 --> CKE : SDRAMs D0 - D17
/RWE --> /WE : SDRAMs D0 - D17
/CS0
BA0-BA1
A0-A12
/RAS
/CAS
CKE0
/WE
R
E
G
PCK
/PCK
/RESET
CK0, /CK0 --------- PLL*
* Wire per clock loading table/wiring diagrams
/RCS0
VSS
.
VDDSPD
VREF
VSS
VDDID
D0 - D17
D0 - D17
D0 - D17
D0 - D17
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD
SPD
VDDQ
=
.
.
DQ0
DQ1
DQ2
DQ3
D0
/CS
DQS
DQS0
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ0
DQ1
DQ2
DQ3
D0
/CS
DQS
DQS0
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ0
DQ1
DQ2
DQ3
D1
/CS
DQS
DQS1
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ8
DQ9
DQ10
DQ11
D2
/CS
DQS
DQS2
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ8
DQ9
DQ10
DQ11
D2
/CS
DQS
DQS2
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ16
DQ17
DQ18
DQ19
D3
/CS
DQS
DQS3
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ16
DQ17
DQ18
DQ19
D3
/CS
DQS
DQS3
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ24
DQ25
DQ26
DQ27
D4
/CS
DQS
DQS4
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ24
DQ25
DQ26
DQ27
D4
/CS
DQS
DQS4
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ32
DQ33
DQ34
DQ35
D5
/CS
DQS
DQS5
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ32
DQ33
DQ34
DQ35
D5
/CS
DQS
DQS5
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ40
DQ41
DQ42
DQ43
D6
/CS
DQS
DQS6
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ40
DQ41
DQ42
DQ43
D6
/CS
DQS
DQS6
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ48
DQ49
DQ50
DQ51
D7
/CS
DQS
DQS7
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ48
DQ49
DQ50
DQ51
D7
/CS
DQS
DQS7
I/O 0
I/O 1
I/O 2
I/O 3
DM
CB0
CB1
CB2
CB3
D8
/CS
DQS
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
DM
CB0
CB1
CB2
CB3
D8
/CS
DQS
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ4
DQ5
DQ6
DQ7
D9
/CS
DQS
DQS9
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ12
DQ13
DQ14
DQ15
D10
/CS
DQS
DQS10
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ20
DQ21
DQ22
DQ23
D11
/CS
DQS
DQS11
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ28
DQ29
DQ30
DQ31
D12
/CS
DQS
DQS12
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ36
DQ37
DQ38
DQ39
D13
/CS
DQS
DQS13
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ44
DQ45
DQ46
DQ47
D14
/CS
DQS
DQS14
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ52
DQ53
DQ54
DQ55
D15
/CS
DQS
DQS15
I/O 0
I/O 1
I/O 2
I/O 3
DM
DQ60
DQ61
DQ62
DQ63
D16
/CS
DQS
DQS16
I/O 0
I/O 1
I/O 2
I/O 3
DM
CB4
CB5
CB6
CB7
D17
/CS
DQS
DQS17
I/O 0
I/O 1
I/O 2
I/O 3
DM
SCL
Serial PD
A0
A1
A2
SA0
SA1
SA2
WP
SDA
Notes:
1. DQ-to-I/O wiring may be changed within a byte
2. DQ/DQS/DM/CKE/CS relationships must be
maintained as shown.
3. DQ/DQS resistors should be 18 Ohms.
4. VDDID strap connections(for memory device VDD, VDDQ);
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD=VDDQ
5. Address and control resistors should be 22 Ohms
/RCS0 -->/CS0 : SDRAMs D0-D17
RBA0-RBA1--> : BA0-BA1:SDRAMs D0-D17
RA0 -RA12 -->A0 - A12 : SDRAMs D0 - D17
/RRAS --> /RAS : SDRAMs D0 - D17
/RCAS --> /CAS : SDRAMs D0 - D17
RCKE0 --> CKE : SDRAMs D0 - D17
/RWE --> /WE : SDRAMs D0 - D17
/CS0
BA0-BA1
A0-A12
/RAS
/CAS
CKE0
/WE
R
E
G
PCK
/PCK
/RESET
CK0, /CK0 --------- PLL*
* Wire per clock loading table/wiring diagrams
/RCS0
VSS
.
VDDSPD
VREF
VSS
VDDID
D0 - D17
D0 - D17
D0 - D17
D0 - D17
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD
SPD
VDDQ
=
.
.


Similar Part No. - HYMD264G726A4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726A4M-H HYNIX-HYMD264G726A4M-H Datasheet
182Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A4M-K HYNIX-HYMD264G726A4M-K Datasheet
182Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A4M-L HYNIX-HYMD264G726A4M-L Datasheet
182Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A4M-M HYNIX-HYMD264G726A4M-M Datasheet
182Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726A4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com