Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD264G726AL4M-M Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMD264G726AL4M-M
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726AL4M-M Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMD264G726AL4M-M Datasheet HTML 1Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 2Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 3Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726AL4M-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HYMD264G726A(L)4M-M/K/H/L
Rev. 0.2/May. 02
4
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS= 0V)
Note :
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
3. The value of VREF is approximately equal to 0.5VDDQ.
AC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note :
1. VID is the magnitude of the difference between the input level on CK and the input on /CK.
2. The value of VIX is expected to equal 0.5*V DDQ of the transmitting device and must track variations in the DC level of the same.
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD relative to VSS
VDD
-0.5 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-0.5 ~ 3.6
V
Output Short Circuit Current
IOS
50
mA
Power Dissipation
PD
18
W
Soldering Temperature
⋅ Time
TSOLDER
260
/ 10
oC
/ Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.3
2.5
2.7
V
Power Supply Voltage
VDDQ
2.3
2.5
2.7
V
1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
2
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
3
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.31
V
Input Differential Voltage, CK and /CK inputs
VID(AC)
0.7
VDDQ + 0.6
V
1
Input Crossing Point Voltage, CK and /CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2


Similar Part No. - HYMD264G726AL4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726AL4-H HYNIX-HYMD264G726AL4-H Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL4-K HYNIX-HYMD264G726AL4-K Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL4-L HYNIX-HYMD264G726AL4-L Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726AL4-M HYNIX-HYMD264G726AL4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726AL4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com