Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6A-10CF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6A-10CF
Description  Sealed Rotary DIP Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6A-10CF Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6A-10CF Datasheet HTML 1Page - Omron Electronics LLC A6A-10CF Datasheet HTML 2Page - Omron Electronics LLC A6A-10CF Datasheet HTML 3Page - Omron Electronics LLC A6A-10CF Datasheet HTML 4Page - Omron Electronics LLC A6A-10CF Datasheet HTML 5Page - Omron Electronics LLC A6A-10CF Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sealed Rotary DIP Switch
A6A
285
Sealed Rotary DIP Switch
A6A
Subminiature DIP Switch for High-Density
Packaging
• Series includes a Cone type that can be operated from the
top or side, an extended shaft type that can be operated
while mounted on a panel, and a flat type.
• A slider lock and rotating PCB system achieve stable
contact reliability.
• Sealed construction equivalent to IP64 (IEC 60529) prevents
flux penetration and provides high contact reliability even in
dusty locations and locations where water is used
• RoHS Compliant
Ordering Information
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
Part Numbers
Standard (Cone)
Flat
Extended shaft
Thumbwheel
Output code
No. of positions
BCD 1-2-4-8
10
A6A-10R
A6A-10RF
A6A-10RS
A6A-10RW
BCD 1-2-4-8 complement
A6A-10C
A6A-10CF
A6A-10CS
A6A-10CW
BCD Hexadecimal 1-2-4-8
16
A6A-16R
A6A-16RF
A6A-16RS
A6A-16RW
BCD Hexadecimal 1-2-4-8 complement
A6A-16C
A6A-16CF
A6A-16CS
A6A-16CW
Switching capacity
100 mA at 28 VDC, 1 mA at 5 VDC (minimum load)
Contact resistance
200 M
Ω max.
Insulation resistance
10 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 minute between current-carrying metal part and ground
250 VAC for 1 minute between terminals
Operating torque
120 to 250 g-cm (1.18 to 2.45 x 10-2 N·m) max.
Vibration resistance
Malfunction durability
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction durability
300 m/s2 (30 G) min.
Ambient operating temperature
-10
° to 70°C at 60% RH max. (with no icing or condensation)
Ambient operating humidity
45% to 85% RH (at 5 to 35
°C)
Service life
Mechanical
10,000 detent operations min.
Electrical
2,000 detent operations min.
Weight
Cone: Approx. 0.8 g
Flat: Approx. 0.7 g
Extended shaft: Approx. 0.8g
Thumbwheel: Approx. 1.0g


Similar Part No. - A6A-10CF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6A259KA ALLEGRO-A6A259KA Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
A6A259KLB ALLEGRO-A6A259KLB Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
   8-Bit Serial Input, DMOS Power Driver
A6A595KA ALLEGRO-A6A595KA Datasheet
176Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
More results

Similar Description - A6A-10CF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com