Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6C-16RN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6C-16RN
Description  Sealed Rotary DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6C-16RN Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6C-16RN Datasheet HTML 1Page - Omron Electronics LLC A6C-16RN Datasheet HTML 2Page - Omron Electronics LLC A6C-16RN Datasheet HTML 3Page - Omron Electronics LLC A6C-16RN Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sealed Rotary DIP Switch
A6C/A6CV
289
Sealed Rotary DIP Switch
A6C/A6CV
Highly Reliable Subminiature DIP Switch
• A precise rotary cam and contact driving mechanism
achieve compactness for high-precision mounting.
• Top-actuated and side-actuated models included in series.
• Insert-molded terminals and an O-ring sealed rotor combine to
form a sealed construction equivalent to IP64 (IEC 60529) that
prevents flux penetration and provides high contact reliability
even in dusty locations and locations where water is used.
• Offset between terminal pins and side of case allows
simple circuit inspection
• RoHS Compliant
Ordering Information
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
Part numbers
Top actuated
Side actuated
Output code
No. of positions
BCD 1-2-4-8
10
A6C-10R(N)
A6CV-10R
BCD Hexadecimal 1-2-4-8
16
A6C-16R(N)
A6CV-16R
Switching capacity
100 mA at 30 VDC
Minimum Permissible load
10
μA at 3.5 VDC min.
Contact resistance
200 M
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC for 1 minute between terminals
Operating torque
100 g-cm (0.98 x 10-2 N·m) max.
Vibration resistance
Malfunction durability
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction durability
300 m/s2 (30 G) min.
Ambient operating temperature
-20
° to 70°C at 60% RH max. (with no icing or condensation)
Ambient operating humidity
35% to 95% RH (at 5 to 35
°C)
Service life
Mechanical
10,000 detent operations min.
Electrical
2,000 detent operations min.
Weight
Top-actuated: Approx. 0.4 g
Side-actuated: Approx. 0.8 g


Similar Part No. - A6C-16RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6C-16RN OMRON-A6C-16RN Datasheet
78Kb / 3P
   Highly Reliable Subminiature Dip Switch
More results

Similar Description - A6C-16RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
   Sealed Rotary DIP Switch
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com