Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-20GV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A-20GV
Description  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GV Datasheet(HTML) 2 Page - Omron Electronics LLC

  A-20GV Datasheet HTML 1Page - Omron Electronics LLC A-20GV Datasheet HTML 2Page - Omron Electronics LLC A-20GV Datasheet HTML 3Page - Omron Electronics LLC A-20GV Datasheet HTML 4Page - Omron Electronics LLC A-20GV Datasheet HTML 5Page - Omron Electronics LLC A-20GV Datasheet HTML 6Page - Omron Electronics LLC A-20GV Datasheet HTML 7Page - Omron Electronics LLC A-20GV Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
20
Snap Action Switch
A
Specifications
■ Characteristics
Note: 1. The value is for the pin plunger.
2. Malfunction: 1 ms max.
■ Operating Characteristics
■ Ratings
Note: 1. The above values are for steady-state current.
2. Inductive load has a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The ratings values apply under the following test conditions:
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%RH
(3) Operating frequency: 20 operations/min
■ Contact Specification
■ Safety Standards Ratings
UL/CSA (General ratings only)
Operating speed
0.01 mm to 1m/s (see note 1)
Operating frequency
Mechanical
240 operations/min
Electrical
20 operations/min
Contact resistance
15 m
Ω max. (initial value)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
2,000 VAC, 50/60 Hz for 1 min between the current-carrying metal parts and the ground, and
between each terminal and non-current-carrying metal parts
Vibration resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude (See note 2)
Shock resistance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max. (See notes 1 and 2)
Degree of protection
IP00
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
−25°C to 80°C (with no icing)
Ambient operating humidity
35% to 85%RH
Service life
Mechanical
1,000,000 operations min.
Electrical
500,000 operations min.
Weight
Approx. 22 to 58 g
Characteristics
A-20G-B
A-20GD-B
A-20GQ-B
A-20GQ22-B
A-20GQ21-B
A-20GV21-B
A-20GV-B
A-20GV22-B
A-20GV2-B
OF
400 to 625 g
630 g max.
160 g
70 g
160 g
90 g
RF min.
285 g
280g
42 g
14 g
42 g
14 g
PT max.
1.3 mm
6.5 mm
15.9 mm
6.3 mm
12 mm
OT min.
0.25 mm
3 mm
5.6 mm
3.58 mm
1.2 mm
4 mm
1.2 mm
2.4 mm
MD max.
0.2 mm
0.35 mm
1.2 mm
2.4 mm
1.2 mm
2.2 mm
OP
16.3
±0.4 mm
26.2
±0.5 mm
21.8
±0.8 mm
33.4
±1.2 mm
19
±0.8 mm
19
±0.8 mm
29.8
±0.8 mm
30.2
±0.8 mm
Rated voltage
(V)
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
250 VAC
500 VAC
20
20
15
7.5
7.5
4
20
20
10
12.5
8.3
2
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
20
20
6
0.5
0.25
3
3
3
0.5
0.25
1.5
1.5
1.5
0.5
0.25
20
15
5
0.05
0.03
12.5
12.5
5
0.05
0.03
Contacts
Shape
Rivet
Material
Silver alloy
Gap (standard value)
0.5 mm
Inrush current
NC
75 A max.
NO
75 A max.
Rated voltage
A-20G
125 VAC
1 HP and 10 A "L" (Tungsten)
250 VAC
2 HP
480 VAC
20 A
125 VDC
0.5 A
250 VDC
0.25 A


Similar Part No. - A-20GV

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Similar Description - A-20GV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com