Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6RV-101RS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6RV-101RS
Description  Rotary DIP Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6RV-101RS Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6RV-101RS Datasheet HTML 1Page - Omron Electronics LLC A6RV-101RS Datasheet HTML 2Page - Omron Electronics LLC A6RV-101RS Datasheet HTML 3Page - Omron Electronics LLC A6RV-101RS Datasheet HTML 4Page - Omron Electronics LLC A6RV-101RS Datasheet HTML 5Page - Omron Electronics LLC A6RV-101RS Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rotary DIP Switch
A6R/A6RV
303
Rotary DIP Switch
A6R/A6RV
Low-Cost Rotary DIP Switches
• Series includes top-actuated, side-actuated, flat, and
extended-shaft models.
• The rotor has an O-ring sealed construction that prevents
the ingress of dirt and dust.
• Two different types of terminal arrangements are available
for each model to allow flexibility of circuit design.
• RoHS Compliant.
Ordering Information
Note: Switches are delivered in units of 48 per tube. Order in multiples of 48.
Specifications
■ Ratings/Characteristics
Note: 1. Data shown are of initial value.
2. Add 0.13 g for the extended-shaft version of each model
3. Switches cannot be water washed
■ Output Codes
Top-actuated
flat
Top-actuated
extended shaft
Side-actuated
flat
Side-actuated
extended shaft
Output code
Number of
positions
Terminal
arrangement
BCD 1-2-4-8
10
4
× 1
A6R-101RF
A6R-101RS
A6RV-101RF
A6RV-101RS
3
× 3
A6R-102RF
A6R-102RS
A6RV-102RF
A6RV-102RS
BCD Hexadecimal 1-2-4-8
16
4
× 1
A6R-161RF
A6R-161RS
A6RV-161RF
A6RV-161RS
3
× 3
A6R-162RF
A6R-162RS
A6RV-162RF
A6RV-162RS
Switching Capacity
25 mA at 24 VDC
Min. Permissible Load 10
μA at 3.5 VDC
Contact resistance
200 m
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC for 1 minute between terminals
Operating torque
200 g-cm max. (1.96
x 10−2 N·m max.)
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 300 m/s2 (30G) min.
Ambient operating
temperature
−25 to 80°C at 60% RH max.
(with no icing or condensation)
Ambient operating
humidity
35% to 95% (at 5 to 35
°C)
Electrical service life
5,000 steps min.
Weight (See note 2)
Top-actuated:
Approx. 0.6 g
Side-actuated:
Approx. 0.8 g
10-position Models
16-position Models
Type
BCD
1-2-4-8
Type
BCD/hexadecimal
1-2-4-8
Terminal No.
1248
Terminal No.
1248
Position
Position
00
1
1
2
2
3
●●
3
●●
4
4
5
●●
5
●●
6
●●
6
●●
7
●●●
7
●●●
8
8
9
●●
9
●●
A
●●
B
●●
Note: “
●” indicates that the internal
switch is ON.
C
●●
D
●●
E
●●●
F
●●●●


Similar Part No. - A6RV-101RS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV-101RS OMRON-A6RV-101RS Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
More results

Similar Description - A6RV-101RS

ManufacturerPart #DatasheetDescription
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
RDS-7229-D CUI-RDS-7229-D Datasheet
665Kb / 7P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com