Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6E-0104 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6E-0104
Description  DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6E-0104 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6E-0104 Datasheet HTML 1Page - Omron Electronics LLC A6E-0104 Datasheet HTML 2Page - Omron Electronics LLC A6E-0104 Datasheet HTML 3Page - Omron Electronics LLC A6E-0104 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIP Switch
A6E/A6ER
293
DIP Switch
A6E/A6ER
Box-shaped DIP Switch with Through
hole Terminals
• The bottom is sealed with resin to prevent flux penetration.
• Side actuated models feature short or long actuators (levers).
• Gold-plated contacts ensure high reliability.
• RoHS Compliant
Ordering Information
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
No. of poles
Quantity
per Tube
Flat actuated
Raised actuator
Side actuated
(short-lever)
Side actuated
(long-lever)
Quantity
per Tube
273
A6E-2101
A6E-2104
70
A6ER-2101
A6ER-2104
352
A6E-3101
A6E-3104
50
A6ER-3101
A6ER-3104
440
A6E-4101
A6E-4104
39
A6ER-4101
A6ER-4104
533
A6E-5101
A6E-5104
32
A6ER-5101
A6ER-5104
628
A6E-6101
A6E-6104
27
A6ER-6101
A6ER-6104
724
A6E-7101
A6E-7104
24
A6ER-7101
A6ER-7104
821
A6E-8101
A6E-8104
21
A6ER-8101
A6ER-8104
919
A6E-9101
A6E-9104
19
A6ER-9101
A6ER-9104
10
17
A6E-0101
A6E-0104
17
A6ER-0101
A6ER-0104
Switching capacity
25 mA at 24 VDC
Minimum permissible load
10
μA at 3.5 VDC
Contact resistance
200 m
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 min between terminals
Operating force
30 to 1,000 gf (0.3 to 9.8 N)
Vibration resistance
Malfunction durability 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction durability 300 m/s2 min. (approx. 30G min.)
Life expectancy
Mechanical
1,000 operations min.
Electrical
1,000 operations min.
Ambient operating temperature
-20
°C to 70°C at 60% RH max. (with no icing or condensation)
Ambient operating humidity
35% to 95% (at 5 to 35
°C)
Weight
A6E: 0.66 g (2 poles), 1.00 g (4 poles), 1.32 g (6 poles), 1.65 g (8 poles), 1.98 g (10 poles)
A6ER: 1.01 g (2 poles), 1.51 g (4 poles), 2.00 g (6 poles), 2.51 g (8 poles), 3.02 g (10 poles)


Similar Part No. - A6E-0104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6E-0104 OMRON-A6E-0104 Datasheet
125Kb / 5P
   DIP Switch
A6E-0104-N OMRON-A6E-0104-N Datasheet
234Kb / 3P
   Box type Through-hole Mounting DIP Switch
More results

Similar Description - A6E-0104

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
DB Lectro Inc
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
   DIP SWITCH
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
   DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
   DIP SWITCH
11/23/2021
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
   DIP Switch
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
   DIP SWITCH
logo
Omron Electronics LLC
A6DR OMRON-A6DR Datasheet
568Kb / 4P
   DIP Switch
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
   DIP SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com